| Manufacturer | Part # | Datasheet | Description |
 Unisonic Technologies |
USS4350
|
135Kb / 3P |
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
|
|
USS4450
|
219Kb / 4P |
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
|
 ON Semiconductor |
ECH8501-TL-H
|
402Kb / 8P |
Bipolar Transistor (??30V, (??30A, Low VCE(sat) Complementary Dual ECH8
September, 2013 |
|
CPH3212
|
582Kb / 6P |
Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013 |
|
CPH5505
|
295Kb / 6P |
Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013 |
|
CPH5506
|
766Kb / 6P |
Bipolar Transistor (-)30V, (-)5A, Low VCE(sat) Complementary Dual CPH5
March, 2014 |
|
CPH5518
|
403Kb / 8P |
Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013 |
|
ECH8502
|
405Kb / 8P |
Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013 |
|
ECH8503
|
310Kb / 7P |
Bipolar Transistor -50V, -5A, Low VCE(sat) PNP Dual ECH8
August, 2013 |
|
MCH6545
|
599Kb / 8P |
Bipolar Transistor (-)50V, (-)1A, Low VCE(sat) Complementary Dual MCPH6
September, 2013 |