| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PBSS4120T
|
47Kb / 7P |
20 V, 1 A NPN low VCEsat (BISS) transistor
2003 Sep 29 |
|
PBSS301ND
|
119Kb / 16P |
20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02-25 April 2005 |
|
PBSS4220V
|
119Kb / 13P |
20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 01-6 February 2006 |
|
PBSS302NZ
|
102Kb / 14P |
20 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 01-8 September 2006 |
|
PBSS4420D
|
117Kb / 16P |
20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 01-21 April 2005 |
|
PBSS4420D
|
124Kb / 14P |
20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02-24 September 2008 |
|
PBSS302NX
|
197Kb / 15P |
20 V, 5.3 A NPN low VCEsat (BISS) transistor
Rev. 02-20 November 2009 |
|
PBSS4021NX
|
257Kb / 14P |
20 V, 7 A NPN low VCEsat (BISS) transistor
11 December 2012 |
 Nexperia B.V. All right... |
PBSS301ND
|
250Kb / 15P |
20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 03 - 7 September 2007 |
|
PBSS4420D
|
246Kb / 15P |
20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02 - 24 September 2008 |