Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS5250X Datasheet (PDF) - NXP Semiconductors

PBSS5250X Datasheet PDF - NXP Semiconductors
Part # PBSS5250X_15
Download  PBSS5250X Download
File Size   153.96 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP low VCEsat (BISS) transistor 50 V, 2 A

PBSS5250X Datasheet (PDF)

Go To PDF Page Download Datasheet
PBSS5250X Datasheet PDF - NXP Semiconductors

Part # PBSS5250X_15
Download  PBSS5250X Click to download

File Size   153.96 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description PNP low VCEsat (BISS) transistor 50 V, 2 A

PBSS5250X Datasheet (HTML) - NXP Semiconductors




Similar Part No. - PBSS5250X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5250X PHILIPS-PBSS5250X Datasheet
47Kb / 8P
50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Jun 17
PBSS5250X PHILIPS-PBSS5250X Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PBSS5250X NEXPERIA-PBSS5250X Datasheet
83Kb / 9P
50 V, 2 A NPN low VCEsat (BISS) transistor
2004 Nov 08
More results


Similar Description - PBSS5250X_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5350T PHILIPS-PBSS5350T Datasheet
86Kb / 10P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Jan 13
PBSS5250X PHILIPS-PBSS5250X Datasheet
47Kb / 8P
50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Jun 17
PBSS5250T PHILIPS-PBSS5250T Datasheet
49Kb / 7P
50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Oct 09
PBSS5350X NXP-PBSS5350X Datasheet
214Kb / 12P
50 V, 3 A PNP low VCEsat (BISS) transistor
2004 Nov 04
PBSS5250T PHILIPS-PBSS5250T_15 Datasheet
128Kb / 7P
PNP low VCEsat (BISS) transistor 50 V, 2 A
2003 Oct 09
PBSS5350X PHILIPS-PBSS5350X_15 Datasheet
214Kb / 12P
PNP low VCEsat (BISS) transistor 50 V, 3 A
2004 Nov 04
PBSS5350SS PHILIPS-PBSS5350SS_15 Datasheet
108Kb / 14P
50 V, 2.7 A PNP/PNP low VCEsat (BISS) transistor
Rev. 01-3 April 2007
logo
Nexperia B.V. All right...
PBSS5250TH NEXPERIA-PBSS5250TH Datasheet
248Kb / 14P
50 V, 2 A PNP low VCEsat (BISS) transistor
PBSS5250TH-Q NEXPERIA-PBSS5250TH-Q Datasheet
264Kb / 13P
50 V, 2 A PNP low VCEsat (BISS) transistor
15 March 2023
PBSS5250T NEXPERIA-PBSS5250T Datasheet
329Kb / 8P
50 V, 2 A PNP low VCEsat (BISS) transistor
2003 Oct 09
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com