| Manufacturer | Part # | Datasheet | Description |
 ON Semiconductor |
MBR40250
|
48Kb / 6P |
250 V, 40 A SWITCHMODE Schottky Power Rectifier
November, 2004 ??Rev. P0 |
|
MBR40250
|
111Kb / 6P |
250 V, 40 A SWITCHMODE Schottky Power Rectifier
April, 2006 ??Rev. 5 |
|
MBR40250
|
117Kb / 7P |
250 V, 40 A SWITCHMODE Schottky Power Rectifier
May, 2011 ??Rev. 10 |
 Kersemi Electronic Co.,... |
MBR40250TG
|
467Kb / 6P |
250 V, 40 A SWITCHMODE Schottky Power Rectifier
|
 ON Semiconductor |
MBRD5H100
|
70Kb / 5P |
Switch-mode Schottky Power Rectifier
April, 2015 ??Rev. 6 |
|
SUR180E
|
87Kb / 6P |
Switch-mode Schottky Power Rectifier
June, 2015 ??Rev. 0 |
|
MBRB1045G
|
79Kb / 6P |
Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 9 |
|
MBRD5H100
|
69Kb / 5P |
Switch-mode Schottky Power Rectifier
November, 2016 ??Rev. 7 |
|
MBRF20200CTG
|
59Kb / 4P |
Switch-mode Schottky Power Rectifier
July, 2016 ??Rev. 8 |
|
MBRD1035CTL
|
231Kb / 7P |
Schottky Power Rectifier, Switch Mode, 10 A, 35 V
August, 2020 - Rev. 13 |