Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSS40201LT1G Datasheet (PDF) - ON Semiconductor

NSS40201LT1G Datasheet PDF - ON Semiconductor
Part # NSS40201LT1G
Download  NSS40201LT1G Download
File Size   107.42 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 40 V, 2.0 A, Low VCE(sat) NPN Transistor

NSS40201LT1G Datasheet (PDF)

Go To PDF Page Download Datasheet
NSS40201LT1G Datasheet PDF - ON Semiconductor

Part # NSS40201LT1G
Download  NSS40201LT1G Click to download

File Size   107.42 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 40 V, 2.0 A, Low VCE(sat) NPN Transistor

NSS40201LT1G Datasheet (HTML) - ON Semiconductor




Similar Part No. - NSS40201LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40201LT1G ONSEMI-NSS40201LT1G Datasheet
131Kb / 5P
40 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
NSS40201LT1G ONSEMI-NSS40201LT1G Datasheet
92Kb / 6P
NPN Transistor
October, 2016 ??Rev. 9
NSS40201LT1G ONSEMI-NSS40201LT1G_16 Datasheet
92Kb / 6P
NPN Transistor
October, 2016 ??Rev. 9
More results


Similar Description - NSS40201LT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSS40200LT1G ONSEMI-NSS40200LT1G Datasheet
102Kb / 5P
40 V, 4.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
NSS1C200MZ4 ONSEMI-NSS1C200MZ4 Datasheet
75Kb / 5P
100 V, 2.0 A, Low VCE(sat) PNP Transistor
April, 2008 - Rev. 0
NSS1C201MZ4 ONSEMI-NSS1C201MZ4 Datasheet
122Kb / 6P
100 V, 2.0 A, Low VCE(sat) NPN Transistor
November, 2008 ??Rev. 0
NSS40201LT1G ONSEMI-NSS40201LT1G Datasheet
131Kb / 5P
40 V, 4.0 A, Low VCE(sat) NPN Transistor
August, 2009 ??Rev. 5
NSS40301MDR2G ONSEMI-NSS40301MDR2G Datasheet
123Kb / 6P
Dual Matched 40 V, 6.0 A, Low VCE(sat) NPN Transistor
May, 2008 ??Rev. 1
NSS40501UW3T2G ONSEMI-NSS40501UW3T2G Datasheet
84Kb / 5P
40 V, 7.0 A, Low VCE(sat) NPN Transistor
June, 2007 - Rev. 3
NSS1C200MZ4 ONSEMI-NSS1C200MZ4_10 Datasheet
106Kb / 5P
100 V, 2.0 A, Low VCE(sat) PNP Transistor
September, 2010 ??Rev. 2
NSS1C200MZ4T1G ONSEMI-NSS1C200MZ4T1G Datasheet
110Kb / 5P
100 V, 2.0 A, Low VCE(sat) PNP Transistor
March, 2013??Rev. 5
NSS1C201MZ4 ONSEMI-NSS1C201MZ4_10 Datasheet
106Kb / 6P
100 V, 2.0 A, Low VCE(sat) NPN Transistor
September, 2010 ??Rev. 2
NSS40501UW3 ONSEMI-NSS40501UW3_13 Datasheet
109Kb / 5P
40 V, 5.0 A, Low VCE(sat) NPN Transistor
August, 2013 ??Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com