Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX122 Datasheet (PDF) - Maxim Integrated Products

MAX122 Datasheet PDF - Maxim Integrated Products
Part # MAX122
Download  MAX122 Download
File Size   633.72 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 500ksps, 12-Bit ADCs with Track/Hold And Refrence

MAX122 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX122 Datasheet PDF - Maxim Integrated Products

Part # MAX122
Download  MAX122 Click to download

File Size   633.72 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 500ksps, 12-Bit ADCs with Track/Hold And Refrence

MAX122 Datasheet (HTML) - Maxim Integrated Products


MAX122 Product details

General Description
The MAX120/MAX122 complete, BiCMOS, sampling 12-bit analog-to-digital converters (ADCs) combine an on-chip track/hold (T/H) and a low-drift voltage reference with fast conversion speeds and low-power consumption. The T/H’s 350ns acquisition time combined with the MAX120’s 1.6µs conversion time results in throughput rates as high as 500k samples per second (ksps). Throughput rates of 333ksps are possible with the 2.6µs conversion time of the MAX122.

Features
♦ 12-Bit Resolution
♦ No Missing Codes Over Temperature
♦ 20ppm/°C -5V Internal Reference
♦ 1.6µs Conversion Time/500ksps Throughput (MAX120)
♦ 2.6µs Conversion Time/333ksps Throughput (MAX122)
♦ Low Noise and Distortion:
    70dB (min) SINAD;
    -77dB (max) THD (MAX122)
♦ Low Power Dissipation: 210mW
♦ Separate Track/Hold Control Input
♦ Continuous-Conversion Mode Available
♦ ±5V Input Range, Overvoltage Tolerant to ±15V
♦ 24-Pin Narrow DIP, Wide SO, and SSOP Packages

Applications
    Digital-Signal Processing
    Audio and Telecom Processing
    Speech Recognition and Synthesis
    High-Speed Data Acquisition
    Spectrum Analysis
    Data Logging Systems




Similar Part No. - MAX122

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1220 MAXIM-MAX1220 Datasheet
1Mb / 47P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220 MAXIM-MAX1220 Datasheet
554Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1220 MAXIM-MAX1220 Datasheet
567Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
MAX1220BETX MAXIM-MAX1220BETX Datasheet
1Mb / 47P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 4; 6/06
MAX1220BETX MAXIM-MAX1220BETX Datasheet
554Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
More results


Similar Description - MAX122

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX150 MAXIM-MAX150 Datasheet
439Kb / 12P
CMOS High Speed 8Bit A/D Converter with Refrence and Track/Hold Function
Rev 1; 8/93
MAX163 MAXIM-MAX163 Datasheet
563Kb / 14P
CMOS 12-Bit A/D Converters With Track-and-Hold
logo
National Semiconductor ...
LH4860 NSC-LH4860 Datasheet
274Kb / 7P
SUPER FAST 12 - BIT TRACK - HOLD AMPLIFLER
logo
Linear Technology
LTC2302 LINER-LTC2302 Datasheet
458Kb / 20P
Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
logo
Maxim Integrated Produc...
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
logo
Linear Technology
LTC2302 LINER-LTC2302_15 Datasheet
263Kb / 20P
Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
LTC2306 LINER-LTC2306_15 Datasheet
263Kb / 20P
Low Noise, 500ksps, 1-/2-Channel, 12-Bit ADCs
logo
Analog Devices
AD7575 AD-AD7575_17 Datasheet
181Kb / 13P
8-Bit ADC with Track/Hold
23-Feb-2017
logo
Maxim Integrated Produc...
MAX120 MAXIM-MAX120_V01 Datasheet
2Mb / 15P
500ksps, 12-Bit ADCs with Track/Hold and Reference
2012
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com