Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1489E Datasheet (PDF) - Maxim Integrated Products

MAX1489E Datasheet PDF - Maxim Integrated Products
Part # MAX1489E
Download  MAX1489E Download
File Size   80.33 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver

MAX1489E Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1489E Datasheet PDF - Maxim Integrated Products

Part # MAX1489E
Download  MAX1489E Click to download

File Size   80.33 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver

MAX1489E Datasheet (HTML) - Maxim Integrated Products


MAX1489E Product details

General Description
The MAX1489E quad, low-power line receiver is designed for EIA/TIA-232, EIA/TIA-562, and CCITT V.28 communications in harsh environments. Each receiver input is protected against ±15kV electrostatic discharge (ESD) shocks. These inputs have a ±25V range and feature hysteresis and time-domain filtering. The outputs are TTL and CMOS compatible. The MAX1489E has a 120kbps guaranteed data rate. Supply current is typically 350µA.

Features
♦ Enhanced ESD Protection:
   ±15kV—Human Body Model
   ±8kV—IEC1000-4-2, Contact Discharge
   ±15kV—IEC1000-4-2, Air-Gap Discharge
♦ Latchup Free During an ESD Event
♦ Low 350µA Supply Current
♦ Input Hysteresis and Time-Domain Filtering
   Eliminate the Need for External Filtering
♦ Stable Input Thresholds
♦ Pin Compatible with MC1489, MC14C89, SN75189,
   SN75C189, DS1489, and DS14C89

Applications
   PC Motherboards
   Modems
   Interfacing Data Terminal Equipment (DTE) with
      Data Circuit-Terminating Equipment (DCE)
   Equipment Meeting IEC1000-4-2 (formerly
      IEC801-2) or ±15kV ESD Protection




Similar Part No. - MAX1489E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1489E MAXIM-MAX1489E Datasheet
510Kb / 8P
짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
19-0426; Rev 1; 2/03
MAX1489EC/D MAXIM-MAX1489EC/D Datasheet
510Kb / 8P
짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
19-0426; Rev 1; 2/03
MAX1489ECPD MAXIM-MAX1489ECPD Datasheet
510Kb / 8P
짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
19-0426; Rev 1; 2/03
MAX1489ECSD MAXIM-MAX1489ECSD Datasheet
510Kb / 8P
짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
19-0426; Rev 1; 2/03
MAX1489EEPD MAXIM-MAX1489EEPD Datasheet
510Kb / 8P
짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
19-0426; Rev 1; 2/03
More results


Similar Description - MAX1489E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIN14C89E INTERSIL-HIN14C89E Datasheet
86Kb / 4P
Low Power Quad RS-232 Receiver
1999 01
logo
Maxim Integrated Produc...
MAX1488E MAXIM-MAX1488E Datasheet
104Kb / 8P
짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver
Rev 0; 8/95
logo
Intersil Corporation
HIN14C89E INTERSIL-HIN14C89E_01 Datasheet
458Kb / 1P
Low Power Quad RS-232 Receiver
May 2001
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
December 20, 2005
HIN213ECAZ-T INTERSIL-HIN213ECAZ-T Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
November 4, 2005
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Maxim Integrated Produc...
MAX1489E MAXIM-MAX1489E_V01 Datasheet
510Kb / 8P
짹15kV ESD-Protected, Quad, Low-Power RS-232 Line Receiver
19-0426; Rev 1; 2/03
logo
Analog Devices
MAX1488E AD-MAX1488E Datasheet
1Mb / 9P
±15kV ESD-Protected, Quad, Low-Power RS-232 Line Driver
Rev 1; 1/21
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com