Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC-3680 Datasheet (PDF) - Advantech Co., Ltd.

MIC-3680 Datasheet PDF - Advantech Co., Ltd.
Part # MIC-3680_15
Download  MIC-3680 Download
File Size   258.28 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 2-Port CAN-bus 3U CompactPCI짰 Card

MIC-3680 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC-3680 Datasheet PDF - Advantech Co., Ltd.

Part # MIC-3680_15
Download  MIC-3680 Click to download

File Size   258.28 Kbytes
Page   1 Pages
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.
Description 2-Port CAN-bus 3U CompactPCI짰 Card

MIC-3680 Datasheet (HTML) - Advantech Co., Ltd.




Similar Part No. - MIC-3680_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIC-3680-3 ADVANTECH-MIC-3680-3 Datasheet
142Kb / 1P
8-port RS-232 Communication CPCI Card
MIC-3680R ADVANTECH-MIC-3680R Datasheet
142Kb / 1P
8-port RS-232 Communication CPCI Card
MIC-3680R-3 ADVANTECH-MIC-3680R-3 Datasheet
142Kb / 1P
8-port RS-232 Communication CPCI Card
More results


Similar Description - MIC-3680_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CPCIS-2500 ETC2-CPCIS-2500 Datasheet
376Kb / 1P
3U CompactPCI짰 6-slot Cubic Chassis with CompactPCI짰 Power Module
logo
Advantech Co., Ltd.
MIC-3022 ADVANTECH-MIC-3022_14 Datasheet
536Kb / 2P
4U CompactPCI짰 Enclosure for 3U Cards
MIC-3953 ADVANTECH-MIC-3953_14 Datasheet
392Kb / 1P
3U CompactPCI짰 Single PMC Slot Carrier Board
MIC-3955 ADVANTECH-MIC-3955_15 Datasheet
609Kb / 1P
3U CompactPCI짰 4-port RS-232/422/485 Communication Card
MIC-3002A ADVANTECH-MIC-3002A_14 Datasheet
174Kb / 1P
4U CompactPCI짰 Enclosure with 6-Slot 3U Backplane
MIC-3321 ADVANTECH-MIC-3321_15 Datasheet
187Kb / 1P
3U CompactPCI짰 Intel Celeron짰 M 1GHz / Pentium짰 M 2 GHz Controller
MIC-3323 ADVANTECH-MIC-3323_15 Datasheet
188Kb / 1P
3U CompactPCI짰 Intel Core짰 2 Duo 1.66GHz / Atom??D510 1.66GHz Controller
MIC-3611 ADVANTECH-MIC-3611_15 Datasheet
285Kb / 1P
4-port RS-422/485 3U CompactPCI짰 Card with Surge and Isolation Protection
logo
Adlink Technology Inc.
CT-3620 ADLINK-CT-3620 Datasheet
239Kb / 2P
Rugged Conduction Cooled 3U CompactPCI짰 Processor
logo
Advantech Co., Ltd.
MIC-3955 ADVANTECH-MIC-3955_V01 Datasheet
1Mb / 2P
3U CompactPCI짰 RS-232/422/485 Serial Communication Card
18-Feb-2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com