Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1714 Datasheet (PDF) - Maxim Integrated Products

MAX1714 Datasheet PDF - Maxim Integrated Products
Part # MAX1714
Download  MAX1714 Download
File Size   443.08 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed Step-Down Controller for Notebook Computers

MAX1714 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1714 Datasheet PDF - Maxim Integrated Products

Part # MAX1714
Download  MAX1714 Click to download

File Size   443.08 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed Step-Down Controller for Notebook Computers

MAX1714 Datasheet (HTML) - Maxim Integrated Products


MAX1714 Product details

General Description
The MAX1714 pulse-width modulation (PWM) controller provides the high efficiency, excellent transient response, and high DC output accuracy needed for stepping down high-voltage batteries to generate low voltage CPU core or chip-set/RAM supplies in notebook computers.

Features
♦ Ultra-High Efficiency
♦ No Current-Sense Resistor (Lossless ILIMIT)
♦ Quick-PWM with 100ns Load-Step Response
♦ 1% VOUT Accuracy Over Line and Load
♦ 2.5V/3.3V Fixed or 1V to 5.5V Adjustable Output Range
♦ 2V to 28V Battery Input Range
♦ 200/300/450/600kHz Switching Frequency
♦ Overvoltage Protection (MAX1714A)
♦ Undervoltage Protection
♦ 1.7ms Digital Soft-Start
♦ Drives Large Synchronous-Rectifier FETs
♦ 2V ±1% Reference Output
♦ Power-Good Indicator

Applications
    Notebook Computers
    CPU Core Supply
    Chipset/RAM Supply as Low as 1V
    1.8V and 2.5V I/O Supply




Similar Part No. - MAX1714

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17149 MAXIM-MAX17149 Datasheet
1Mb / 8P
MAX17129 Evaluation Kit
Rev 0; 2/11
More results


Similar Description - MAX1714

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1715 MAXIM-MAX1715 Datasheet
308Kb / 28P
Ultra-High Efficiency, Dual Step-Down Controller for Notebook Computers
19-1541; Rev 0; 1/00
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
logo
Cirrus Logic
CL-GD6410 CIRRUS-CL-GD6410 Datasheet
5Mb / 133P
HIGH INTERGRATION LCD VGA CONTROLLER FOR NOTEBOOK COMPUTERS
logo
Maxim Integrated Produc...
MAX1844 MAXIM-MAX1844 Datasheet
864Kb / 24P
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 3; 9/02
MAX1718T MAXIM-MAX1718T Datasheet
657Kb / 34P
Notebook CPU Step-Down Controller
Rev 0; 10/02
MAX1718T MAXIM-MAX1718T_08 Datasheet
426Kb / 34P
Notebook CPU Step-Down Controller
Rev 1; 10/08
MAX8764 MAXIM-MAX8764 Datasheet
597Kb / 23P
High-Speed, Step-Down Controller with Accurate Current Limit for Notebook Computers
Rev 0; 3/05
logo
Global Mixed-mode Techn...
G5617 GMT-G5617 Datasheet
34Kb / 1P
Programmable Output High-Speed Step-Down Controller for Notebook Computer
G5601A GMT-G5601A Datasheet
66Kb / 1P
High-Speed Step-Down Controller with LDO Controller for Notebook Computer
logo
Cirrus Logic
CL-GD6420 CIRRUS-CL-GD6420 Datasheet
784Kb / 146P
High-Resolution LCD VGA Controller for Notebook Computers
July 1993
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com