Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1742 Datasheet (PDF) - Maxim Integrated Products

MAX1742 Datasheet PDF - Maxim Integrated Products
Part # MAX1742
Download  MAX1742 Download
File Size   597.96 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches

MAX1742 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1742 Datasheet PDF - Maxim Integrated Products

Part # MAX1742
Download  MAX1742 Click to download

File Size   597.96 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches

MAX1742 Datasheet (HTML) - Maxim Integrated Products


MAX1742 Product details

General Description
The MAX1742/MAX1842 constant-off-time, pulse-width-modulated (PWM) step-down DC-DC converters are ideal for use in 5V and 3.3V to low-voltage conversion necessary in notebook and subnotebook computers. These devices feature internal synchronous rectification for high efficiency and reduced component count. They require no external Schottky diode. The internal 90mΩ PMOS power switch and 70mΩ NMOS synchronous-rectifier switch easily deliver continuous load currents up to 1A. The MAX1742/MAX1842 produce a preset 2.5V, 1.8V, or 1.5V output voltage or an adjustable output from 1.1V to VIN. They achieve efficiencies as high as 95%.

Features
♦ ±1% Output Accuracy
♦ 95% Efficiency
♦ Internal PMOS and NMOS Switches
   90mΩ On-Resistance at VIN = 4.5V
   110mΩ On-Resistance at VIN = 3V
♦ Output Voltage
   2.5V, 1.8V, or 1.5V Pin Selectable
   1.1V to VIN Adjustable
♦ 3V to 5.5V Input Voltage Range
♦ 600μA (max) Operating Supply Current
♦ <1μA Shutdown Supply Current
♦ Programmable Constant-Off-Time Operation
♦ 1MHz (max) Switching Frequency
♦ Idle-Mode Operation at Light Loads
♦ Thermal Shutdown
♦ Adjustable Soft-Start Inrush Current Limiting
♦ 100% Duty Cycle During Low-Dropout Operation
♦ Output Short-Circuit Protection
♦ 16-Pin QSOP Package

Applications
   5V or 3.3V to Low-Voltage Conversion
   CPU I/O Ring
   Chipset Supplies
   Notebook and Subnotebook Computers




Similar Part No. - MAX1742

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742 Datasheet
287Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX17428 MAXIM-MAX17428 Datasheet
39Kb / 5P
PLASTIC ENCAPSULATED DEVICES
June 11, 2009
MAX17428GTJ+ MAXIM-MAX17428GTJ+ Datasheet
39Kb / 5P
PLASTIC ENCAPSULATED DEVICES
June 11, 2009
MAX1742EEE MAXIM-MAX1742EEE Datasheet
287Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1742EEE+ MAXIM-MAX1742EEE+ Datasheet
287Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
More results


Similar Description - MAX1742

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1623 MAXIM-MAX1623 Datasheet
164Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
19-1436; Rev 1; 9/99
MAX1830 MAXIM-MAX1830 Datasheet
278Kb / 13P
3A, 1MHz, Low-Voltage, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-2198; Rev 0; 10/01
MAX1843 MAXIM-MAX1843 Datasheet
366Kb / 13P
2.7A, 1MHz, Low-Voltage, Step-Down Regulator with Internal Synchronous Rectification in QFN Package
19-1986; Rev 1; 3/02
logo
Monolithic Power System...
EV2112DQ-00A MPS-EV2112DQ-00A Datasheet
162Kb / 4P
1A, 1MHz Synchronous Step-Down Converter
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
1MHz, 1A Synchronous Step-Down Converter
logo
Maxim Integrated Produc...
MAX1644EAE-T MAXIM-MAX1644EAE-T Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
Rev 3; 8/05
logo
Global Mixed-mode Techn...
G5725 GMT-G5725 Datasheet
151Kb / 2P
1MHz 1A Synchronous Step-Down Regulator
logo
Maxim Integrated Produc...
MAX1742 MAXIM-MAX1742_05 Datasheet
287Kb / 16P
1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches
19-1760; Rev 2; 9/05
MAX1623 MAXIM-MAX1623_V01 Datasheet
242Kb / 12P
3A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2002
MAX1644 MAXIM-MAX1644_V01 Datasheet
170Kb / 11P
2A, Low-Voltage, Step-Down Regulator with Synchronous Rectification and Internal Switches
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com