Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMP-3816 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HSMP-3816 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HSMP-3816_15
Download  HSMP-3816 Download
File Size   326.46 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz

HSMP-3816 Datasheet (PDF)

Go To PDF Page Download Datasheet
HSMP-3816 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HSMP-3816_15
Download  HSMP-3816 Click to download

File Size   326.46 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz

HSMP-3816 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED




Similar Part No. - HSMP-3816_15

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816-BLKG AVAGO-HSMP-3816-BLKG Datasheet
326Kb / 6P
Quad PIN Diode Attenuator 300 kHz to 4 GHz in SOT 25 Package
HSMP-3816-TR1G AVAGO-HSMP-3816-TR1G Datasheet
326Kb / 6P
Quad PIN Diode Attenuator 300 kHz to 4 GHz in SOT 25 Package
HSMP-3816-TR2G AVAGO-HSMP-3816-TR2G Datasheet
326Kb / 6P
Quad PIN Diode Attenuator 300 kHz to 4 GHz in SOT 25 Package
More results


Similar Description - HSMP-3816_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P290-1225T MACOM-MA4P290-1225T Datasheet
183Kb / 6P
PIN Diode ? Quad Attenuator
logo
M/A-COM Technology Solu...
MA4P290-1225T MA-COM-MA4P290-1225T Datasheet
129Kb / 6P
PIN Diode ? Quad Attenuator
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3816 AVAGO-HSMP-3816 Datasheet
326Kb / 6P
Quad PIN Diode Attenuator 300 kHz to 4 GHz in SOT 25 Package
HSMP-3866-TR1G AVAGO-HSMP-3866-TR1G Datasheet
345Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz in SOT 25 Package
logo
NXP Semiconductors
BAP64Q PHILIPS-BAP64Q_15 Datasheet
153Kb / 13P
Quad PIN diode attenuator
Rev. 1-7 October 2010
BAP70Q PHILIPS-BAP70Q_15 Datasheet
143Kb / 13P
Quad PIN diode attenuator
Rev. 2-6 March 2012
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3866 AVAGO-HSMP-3866_15 Datasheet
345Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
logo
Broadcom Corporation.
DEMO-HSMP-38X6 BOARDCOM-DEMO-HSMP-38X6 Datasheet
326Kb / 6P
Quad PIN Diode ? Attenuator 300 kHz to 4 GHz in SOT 25 Package
HSMP-3816 BOARDCOM-HSMP-3816 Datasheet
326Kb / 6P
Quad PIN Diode ? Attenuator 300 kHz to 4 GHz in SOT 25 Package
HSMP-3866 BOARDCOM-HSMP-3866 Datasheet
345Kb / 6P
Quad PIN Diode Pi Attenuator 300 kHz to 3 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com