Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1887 Datasheet (PDF) - Maxim Integrated Products

MAX1887 Datasheet PDF - Maxim Integrated Products
Part # MAX1887
Download  MAX1887 Download
File Size   1018.17 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quick-PWM Slave Controllers for Multiphase, Step-Down

MAX1887 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1887 Datasheet PDF - Maxim Integrated Products

Part # MAX1887
Download  MAX1887 Click to download

File Size   1018.17 Kbytes
Page   33 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Quick-PWM Slave Controllers for Multiphase, Step-Down

MAX1887 Datasheet (HTML) - Maxim Integrated Products


MAX1887 Product details

General Description
The MAX1887/MAX1897 step-down slave controllers are intended for low-voltage, high-current, multiphase DC-to-DC applications. The MAX1887/MAX1897 slave controllers can be combined with any of Maxim’s Quick-PWM™ step-down controllers to form a multiphase DC-to-DC converter. Existing Quick-PWM controllers, such as the MAX1718, function as the master controller, providing accurate output voltage regulation, fast transient response, and fault protection features. Synchronized to the master’s low-side gate driver, the MAX1887/MAX1897 include the Quick-PWM constant on-time controller, gate drivers for a synchronous rectifier, active current balancing, and precision current-limit circuitry.

Features
♦ Quick-PWM Slave Controller
♦ Precise, Active Current Balance (±1.25mV )
♦ Accurate, Adjustable Current-Limit Threshold
♦ Optimized for Low-Output Voltages (≤2V)
♦ 4V to 28V Battery Input Range
♦ Fixed 300kHz (MAX1887) or Selectable 200kHz/300kHz/550kHz (MAX1897) Switching Frequency
♦ Drive Large Synchronous-Rectifier MOSFETs
♦ 525µA (typ) ICC Supply Current
♦ 20µA Standby Supply Current
♦ <1µA Shutdown (MAX1897) Supply Current
♦ Small 16-Pin QSOP (MAX1887), Compact
    20-Pin 5mm x 5mm QFN (MAX1897), or
    20-Pin 5mm x 5mm Thin QFN (MAX1897)

Applications
    Notebook Computers
    CPU Core Supply
    Single-Stage (BATT to VCORE) Converters
    Two-Stage (5V to VCORE) Converters
    Servers/Desktop Computers
    Telecom




Similar Part No. - MAX1887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1887EEE MAXIM-MAX1887EEE Datasheet
50Kb / 8P
120 SAN GABRIEL DR. SUNNYVALE, CA 94086
Rev. A March 6, 2003
More results


Similar Description - MAX1887

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1966 MAXIM-MAX1966 Datasheet
404Kb / 15P
Low-Cost Voltage-Mode PWM Step-Down Controllers
Rev 1; 9/03
MAX1980 MAXIM-MAX1980 Datasheet
1Mb / 33P
Quick-PWM Slave Controller with Driver Disable for Multiphase DC-DC Converter
19-2298; Rev 2; 9/02
logo
Anpec Electronics Corop...
APW7060 ANPEC-APW7060 Datasheet
179Kb / 16P
Dual Controllers - Step Down Synchronous PWM and Linear Controller
logo
Maxim Integrated Produc...
MAX1992 MAXIM-MAX1992 Datasheet
543Kb / 36P
Quick-PWM Step-Down Controllers with Inductor Saturation Protection and Dynamic Output Voltages
Rev 0; 10/02
logo
Seiko Instruments Inc
S-8520 SII-S-8520 Datasheet
2Mb / 34P
PWM CONTROL & PWM/PFM CONTROL STEP-DOWN SWITCHING REGULATOR-CONTROLLERS
logo
Torex Semiconductor
XC9201 TOREX-XC9201_1 Datasheet
1Mb / 24P
PWM Controlled Step-Down DC/DC Controllers
logo
Maxim Integrated Produc...
MAX8792 MAXIM-MAX8792 Datasheet
454Kb / 29P
Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 1/07
MAX17024 MAXIM-MAX17024 Datasheet
422Kb / 25P
Single Quick-PWM Step-Down Controller with Dynamic REFIN
Rev 0; 10/07
MAX1992 MAXIM-MAX1992_05 Datasheet
643Kb / 36P
Quick-PWM Step-Down Controllers
Rev 1; 9/05
logo
Exar Corporation
XRP7708 EXAR-XRP7708_12 Datasheet
1Mb / 28P
Quad Channel Digital PWM Step Down Controllers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com