Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2700 Datasheet (PDF) - Maxim Integrated Products

MAX2700 Datasheet PDF - Maxim Integrated Products
Part # MAX2700
Download  MAX2700 Download
File Size   328.44 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8GHz to 2.5GHz Direct Downconversion Receivers

MAX2700 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2700 Datasheet PDF - Maxim Integrated Products

Part # MAX2700
Download  MAX2700 Click to download

File Size   328.44 Kbytes
Page   28 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8GHz to 2.5GHz Direct Downconversion Receivers

MAX2700 Datasheet (HTML) - Maxim Integrated Products


MAX2700 Product details

General Description
The MAX2700/MAX2701 are highly integrated direct downconversion (zero-IF) receivers designed for wideband wireless local loop (WLL) systems operating in the 1.8GHz to 2.5GHz band. The MAX2700/MAX2701s’ zero-IF architecture eliminates the need for IF down conversion stages and the use of an IF SAW filter. This reduces the overall receiver cost by reducing the component count and required board space.

Features
♦ Input Frequency Range
    1.8GHz to 2.1GHz (MAX2700)
    2.1GHz to 2.5GHz (MAX2701)
♦ Cascaded Performance at 1960 MHz
    3.5dB Noise Figure
    -7.5dBm Input IP3 at Maximum Gain
♦ LNA with Selectable Gain and Shutdown Option
♦ High Linearity Direct I/Q Downconverter
♦ Wideband LO Quadrature Generator
♦ 3dB Baseband Channel Bandwidth of At Least 56MHz
♦ Variable Gain Baseband Amplifiers with >60dB Control Range
♦ Baseband Gain Offset Correction Loop
♦ +2.7V to +3.3V Single-Supply Operation
♦ Small 48-pin TQFP-EP Package

Applications
    Wireless Local Loop
    Wideband Direct-Sequence Spread-Spectrum Systems
    Two-Way MMDS
    Wideband 2.4GHz ISM Radios
    Digital Microwave Radios




Similar Part No. - MAX2700

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX270 MAXIM-MAX270 Datasheet
501Kb / 16P
Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
logo
Analog Devices
MAX270 AD-MAX270 Datasheet
1Mb / 16P
Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
Rev 2 1/12
logo
Maxim Integrated Produc...
MAX270CPP MAXIM-MAX270CPP Datasheet
501Kb / 16P
Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
logo
Analog Devices
MAX270CPP AD-MAX270CPP Datasheet
1Mb / 16P
Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
Rev 2 1/12
logo
Maxim Integrated Produc...
MAX270CWP MAXIM-MAX270CWP Datasheet
501Kb / 16P
Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filters
19-3701; Rev 1; 8/91
More results


Similar Description - MAX2700

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
logo
Maxim Integrated Produc...
MAX2023 MAXIM-MAX2023 Datasheet
210Kb / 13P
High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod
Rev 0; 7/06
logo
RF Micro Devices
RF2422 RFMD-RF2422_06 Datasheet
89Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
RF2422 RFMD-RF2422_1 Datasheet
186Kb / 10P
2.5GHZ DIRECT QUADRATURE MODULATOR
logo
Linear Technology
LT5515 LINER-LT5515 Datasheet
197Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
Direct Downconversion Receiver
logo
Linear Technology
LT5515 LINER-LT5515_15 Datasheet
203Kb / 12P
1.5GHz to 2.5GHz Direct Conversion Quadrature Demodulator
LT5572 LINER-LT5572_15 Datasheet
332Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
logo
RF Micro Devices
RF2422 RFMD-RF2422_12 Datasheet
150Kb / 9P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com