Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX267 Datasheet (PDF) - Maxim Integrated Products

MAX267 Datasheet PDF - Maxim Integrated Products
Part # MAX267
Download  MAX267 Download
File Size   2596.39 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Pin Programmable Universal and Bandpass Filters

MAX267 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX267 Datasheet PDF - Maxim Integrated Products

Part # MAX267
Download  MAX267 Click to download

File Size   2596.39 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Pin Programmable Universal and Bandpass Filters

MAX267 Datasheet (HTML) - Maxim Integrated Products


MAX267 Product details

General Description
The MAX2622/MAX2623/MAX2624 self-contained voltage-controlled oscillators (VCOs) combine an integrated oscillator and output buffer in a miniature 8-pin µMAX package.

Features
♦ Fully Monolithic
♦ Guaranteed Performance
♦ On-Chip 50Ω Output Match
♦ Wide Choice of Frequencies
    855MHz to 881MHz (MAX2622)
    885MHz to 950MHz (MAX2623)
    947MHz to 998MHz (MAX2624)
♦ +2.7V to +5.5V Single-Supply Operation
♦ Low-Current Shutdown Mode
♦ Smaller than Modules (8-Pin µMAX Package)

Applications
    866MHz to 868MHz European ISM Band (MAX2622)
    DECT 1/2 Frequency LO (MAX2623)
    902MHz to 928MHz ISM Band, ±10.7MHz IF (MAX2623)
    902MHz to 928MHz ISM Band, 45MHz to 70MHz IF (MAX2624)




Similar Part No. - MAX267

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX267 MAXIM-MAX267 Datasheet
4Mb / 28P
Pin Programmable Universal and Bandpass Filters
Rev 4; 12/07
MAX2670 MAXIM-MAX2670 Datasheet
2Mb / 9P
GPS/GNSS Front-End Amplifier ESD Protected to 짹2kV Human Body Model
Rev 0; 6/11
MAX2670EVKIT MAXIM-MAX2670EVKIT Datasheet
336Kb / 8P
Evaluation Kit
Rev 0; 12/16
MAX2670EVKIT# MAXIM-MAX2670EVKIT# Datasheet
336Kb / 8P
Evaluation Kit
Rev 0; 12/16
MAX2670GTB MAXIM-MAX2670GTB Datasheet
2Mb / 9P
GPS/GNSS Front-End Amplifier ESD Protected to 짹2kV Human Body Model
Rev 0; 6/11
More results


Similar Description - MAX267

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX260 MAXIM-MAX260 Datasheet
1,017Kb / 24P
Microprocessor Programmable Universal Active Filters
MAX265 MAXIM-MAX265 Datasheet
795Kb / 20P
Pin and Resistor Programmed Universal Active Filters
19-0953; Rev 0; 12/88
MAX263 MAXIM-MAX263_07 Datasheet
4Mb / 28P
Pin Programmable Universal and Bandpass Filters
Rev 4; 12/07
MAX263BEWI MAXIM-MAX263BEWI Datasheet
6Mb / 28P
Pin Programmable Universal and Bandpass Filters
Rev 4; 12/07
MAX267AEWG MAXIM-MAX267AEWG Datasheet
6Mb / 28P
Pin Programmable Universal and Bandpass Filters
Rev 4; 12/07
logo
Mini-Circuits
ZVBP-2400 MINI-ZVBP-2400 Datasheet
328Kb / 3P
Bandpass Filters
ZVBP-5310-S MINI-ZVBP-5310-S Datasheet
891Kb / 3P
Bandpass Filters
WVBP-733-WR12 MINI-WVBP-733-WR12 Datasheet
395Kb / 2P
Bandpass Filters
WVBP-783-WR12 MINI-WVBP-783-WR12 Datasheet
395Kb / 2P
Bandpass Filters
WVBP-583-WR15 MINI-WVBP-583-WR15 Datasheet
375Kb / 2P
Bandpass Filters
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com