| Manufacturer | Part # | Datasheet | Description |
 Analog Devices |
AD9661A
|
174Kb / 12P |
Laser Diode Driver with Light Power Control
REV.0 |
 Vitesse Semiconductor C... |
VSC7938
|
213Kb / 16P |
Laser Diode Driver with Automatic Power Control
|
 Maxim Integrated Produc... |
MAX3738
|
403Kb / 14P |
1Gbps to 2.7Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 0; 1/04 |
|
MAX3646
|
832Kb / 14P |
155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 1; 7/04 |
|
MAX3738
|
362Kb / 16P |
155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 12/08 |
|
MAX3646
|
348Kb / 15P |
155Mbps to 622Mbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 2; 6/11 |
|
MAX3737
|
509Kb / 16P |
Multirate Laser Driver with Extinction Ratio Control 100mA Bias Current
Rev 3; 6/11 |
|
MAX3738
|
441Kb / 16P |
155Mbps to 4.25Gbps SFF/SFP Laser Driver with Extinction Ratio Control
Rev 3; 6/11 |
 OPLINK Communications I... |
DTR-1250-SM-LC-MR
|
116Kb / 6P |
Multirate Laser Transceivers
|
 Analog Devices |
AD9661A
|
626Kb / 12P |
Laser Diode Driver with Light Power Control
REV. 0 |