Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGV0231 Datasheet (PDF) - Integrated Device Technology

9FGV0231 Datasheet PDF - Integrated Device Technology
Part # 9FGV0231
Download  9FGV0231 Download
File Size   223.48 Kbytes
Page   15 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Programmable Slew rate for each output

9FGV0231 Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGV0231 Datasheet PDF - Integrated Device Technology

Part # 9FGV0231
Download  9FGV0231 Click to download

File Size   223.48 Kbytes
Page   15 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Programmable Slew rate for each output

9FGV0231 Datasheet (HTML) - Integrated Device Technology


9FGV0231 Product details

Description
The 9FGV0231 is a 2-output very low-power clock generator for PCIe Gen 1, 2, 3 and 4 Common Clocked (CC) applications. The device has 2 output enables for clock management and supports 2 different spread spectrum levels in addition to spread off.

Features/Benefits
• 1.8V operation; reduced power consumption
• OE# pins; support DIF power management
• LP-HCSL differential clock outputs; reduced power and board space
• Programmable Slew rate for each output; allows tuning for various line lengths
• Programmable output amplitude; allows tuning for various application environments
• DIF outputs blocked until PLL is locked; clean system start-up
• Selectable 0%, -0.25% or -0.5% spread on DIF outputs; reduces EMI
• External 25MHz crystal; supports tight ppm with 0 ppm synthesis error
• Configuration can be accomplished with strapping pins; SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy controllers
• Space saving 24-pin 4x4 mm VFQFPN; minimal board space




Similar Part No. - 9FGV0231

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231 Datasheet
224Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0231 RENESAS-9FGV0231 Datasheet
396Kb / 14P
2-Output Very Low Power PCIe Gen 1–4 Clock Generator
December 1, 2025
logo
Integrated Device Techn...
9FGV0231AKILF IDT-9FGV0231AKILF Datasheet
224Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN1-2-3 CLOCK GENERATOR
9FGV0231AKILF IDT-9FGV0231AKILF Datasheet
281Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
More results


Similar Description - 9FGV0231

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
9DBV0931 ICST-9DBV0931 Datasheet
208Kb / 17P
Programmable Slew rate for each output
REVISION C 08/28/14
logo
Integrated Device Techn...
9FGU0431 IDT-9FGU0431 Datasheet
199Kb / 15P
Programmable Slew rate for each output
9FGU0441 IDT-9FGU0441 Datasheet
202Kb / 15P
Programmable Slew rate for each output
9FGU0631 IDT-9FGU0631 Datasheet
201Kb / 15P
Programmable Slew rate for each output
9FGU0641 IDT-9FGU0641 Datasheet
211Kb / 15P
Programmable Slew rate for each output
9FGU0831 IDT-9FGU0831 Datasheet
191Kb / 16P
Programmable Slew rate for each output
9FGU0841 IDT-9FGU0841 Datasheet
207Kb / 16P
Programmable Slew rate for each output
9FGV0241 IDT-9FGV0241 Datasheet
230Kb / 15P
Programmable Slew rate for each output
9FGV0431 IDT-9FGV0431 Datasheet
225Kb / 15P
Programmable Slew rate for each output
9FGV0841 IDT-9FGV0841 Datasheet
212Kb / 16P
Programmable Slew rate for each output
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com