Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGV0641 Datasheet (PDF) - Integrated Device Technology

9FGV0641 Datasheet PDF - Integrated Device Technology
Part # 9FGV0641
Download  9FGV0641 Download
File Size   210.94 Kbytes
Page   15 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 54mW typical power consumption

9FGV0641 Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGV0641 Datasheet PDF - Integrated Device Technology

Part # 9FGV0641
Download  9FGV0641 Click to download

File Size   210.94 Kbytes
Page   15 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 54mW typical power consumption

9FGV0641 Datasheet (HTML) - Integrated Device Technology


9FGV0641 Product details

Description
The 9FGV0641 is a member of IDTs SOC-Friendly 1.8V very low-power PCIe clock family. The device has integrated 100Ω output terminations providing direction connection to 100Ω transmission lines. The device also has 6 output enables for clock management and supports 2 different spread spectrum levels in addition to spread off.

Features
• LP-HCSL outputs with integrated terminations; save 24 resistors compared to standard PCIe devices
• 54mW typical power consumption; reduced thermal concerns
• Outputs can optionally be supplied from any voltage between 1.05V and 1.8V; maximum power savings
• OE# pins; support DIF power management
• Programmable slew rate for each output; allows tuning for various line lengths
• Programmable output amplitude; allows tuning for various application environments
• DIF outputs blocked until PLL is locked; clean system start-up
• Selectable 0%, -0.25% or -0.5% spread on DIF outputs; reduces EMI
• External 25MHz crystal; supports tight ppm with 0 ppm synthesis error
• Configuration can be accomplished with strapping pins; SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy controllers
• Selectable SMBus addresses; multiple devices can easily share an SMBus segment
• Space saving 5 x 5 mm 40-VFQFPN; minimal board space

Output Features
• 6 100MHz Low-Power (LP) HCSL DIF pairs with Zo = 100Ω
• 1 1.8V LVCMOS REF output with Wake-On-LAN (WOL) support

Typical Applications
PCIe Gen1–4 clock generation for Riser Cards, Storage, Networking, JBOD, Communications, Access Points




Similar Part No. - 9FGV0641

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0641 IDT-9FGV0641 Datasheet
210Kb / 15P
6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGV0641 RENESAS-9FGV0641 Datasheet
649Kb / 17P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
JUNE 6, 2019
9FGV0641 RENESAS-9FGV0641 Datasheet
405Kb / 14P
6-Output Very Low-Power PCIe Gen 1/2/3/4 Clock Generator with Zo = 100ohms
December 1, 2025
logo
Integrated Device Techn...
9FGV0641AKILF IDT-9FGV0641AKILF Datasheet
210Kb / 15P
6-O/P 1.8V PCIe Gen 1-2-3 Clock Generator
9FGV0641AKILF IDT-9FGV0641AKILF Datasheet
267Kb / 16P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator with Zo=100ohms
More results


Similar Description - 9FGV0641

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML61 MINILOGIC-ML61_09 Datasheet
499Kb / 13P
Positive Voltage Detector CMOS Low Power Consumption : Typical 1.0uA at Vin=2.0V
ML62 MINILOGIC-ML62 Datasheet
367Kb / 12P
Positive Voltage Regulator CMOS Low Power Consumption : Typical 3.3uA at Vout=5.0V
logo
Integrated Circuit Syst...
9DBV0441 ICST-9DBV0441 Datasheet
212Kb / 17P
53mW typical power consumption in PLL mode
REVISION D 11/26/14
9DBV0631 ICST-9DBV0631 Datasheet
166Kb / 17P
55mW typical power consumption in PLL mode
9DBV0831 ICST-9DBV0831 Datasheet
322Kb / 19P
62mW typical power consumption in PLL mode
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-703SMZ AVAGO-AFBR-703SMZ Datasheet
508Kb / 19P
Typical power dissipation 600mW
logo
Raltron Electronics Cor...
CMC252 RALTRON-CMC252 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC302 RALTRON-CMC302 Datasheet
732Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC502 RALTRON-CMC502 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
CMC702 RALTRON-CMC702 Datasheet
731Kb / 6P
Low Power Consumption of 3.5mA typical at 1.8V
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com