Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9FGV0831 Datasheet (PDF) - Integrated Device Technology

9FGV0831 Datasheet PDF - Integrated Device Technology
Part # 9FGV0831
Download  9FGV0831 Download
File Size   209.37 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Outputs can optionally be supplied from any voltage

9FGV0831 Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGV0831 Datasheet PDF - Integrated Device Technology

Part # 9FGV0831
Download  9FGV0831 Click to download

File Size   209.37 Kbytes
Page   16 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Outputs can optionally be supplied from any voltage

9FGV0831 Datasheet (HTML) - Integrated Device Technology


9FGV0831 Product details

Description
The 9FGV0831 is a member of IDTs SOC-friendly 1.8V very low-power PCIe clock family. The device has 8 output enables for clock management, 2 different spread spectrum levels in addition to spread off, and 2 selectable SMBus addresses.

Features/Benefits
• LP-HCSL outputs; saves 16 resistors compared to standard PCIe devices
• 62mW typical power consumption; reduced thermal concerns
• Outputs can optionally be supplied from any voltage between 1.05 and 1.8V; maximum power savings
• OE# pins; support DIF power management
• Programmable slew rate for each output; allows tuning for various line lengths
• Programmable output amplitude; allows tuning for various application environments
• DIF outputs blocked until PLL is locked; clean system start-up
• Selectable 0%, -0.25% or -0.5% spread on DIF outputs; reduces EMI
• External 25MHz crystal; supports tight ppm with 0 ppm synthesis error
• Configuration can be accomplished with strapping pins; SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy controllers
• Selectable SMBus addresses; multiple devices can easily share an SMBus segment
• Space saving 6 x 6 mm 48-VFQFPN; minimal board space

Output Features
• 8 100MHz Low-Power (LP) HCSL DIF pair
• 1 1.8V LVCMOS REF output with Wake-On-LAN (WOL) support

Recommended Application
PCIe Gen1–4 clock generation for Riser Cards, Storage, Networking, JBOD, Communications, Access Points




Similar Part No. - 9FGV0831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0831 IDT-9FGV0831 Datasheet
339Kb / 17P
8-O/P 1.8V PCIe Gen 1/2/3 Clock Generator
logo
Renesas Technology Corp
9FGV0831 RENESAS-9FGV0831 Datasheet
516Kb / 16P
8-Output Very Low-Power PCIe Gen 1–4 Clock Generator
JUNE 6, 2019
logo
Integrated Device Techn...
9FGV0831CKILF IDT-9FGV0831CKILF Datasheet
339Kb / 17P
8-O/P 1.8V PCIe Gen 1/2/3 Clock Generator
9FGV0831CKILF IDT-9FGV0831CKILF Datasheet
266Kb / 17P
8-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
logo
Renesas Technology Corp
9FGV0831CKILF RENESAS-9FGV0831CKILF Datasheet
516Kb / 16P
8-Output Very Low-Power PCIe Gen 1–4 Clock Generator
JUNE 6, 2019
More results


Similar Description - 9FGV0831

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT10022-C2D WPI-WPANT10022-C2D Datasheet
277Kb / 3P
This stamped metal PIFA Antenna can be installed inside any wireless device
logo
STMicroelectronics
AN1934 STMICROELECTRONICS-AN1934 Datasheet
808Kb / 32P
This circuit can be used to produce multiple outputs
11-Nov-2014
logo
Integrated Circuit Syst...
9DB433 ICST-9DB433 Datasheet
231Kb / 17P
SMBus Interface; unused outputs can be disabled
REV G 08/25/15
9DB633 ICST-9DB633 Datasheet
199Kb / 14P
SMBus Interface/unused outputs can be disabled
9DB833 ICST-9DB833 Datasheet
240Kb / 18P
SMBus Interface; unused outputs can be disabled
REV G 082515
9DB1233 ICST-9DB1233 Datasheet
187Kb / 15P
SMBus Interface/unused outputs can be disabled
logo
Integrated Device Techn...
9FGV0631C IDT-9FGV0631C Datasheet
207Kb / 15P
Outputs can optionally be supplied from any voltage
logo
Micross Components
AS8F2M32 MICROSS-AS8F2M32 Datasheet
530Kb / 12P
Any combination of Sectors can be Erased
logo
PHOENIX CONTACT
3012335 PHOENIX-3012335 Datasheet
52Kb / 2P
Can be aligned without any loss of pitch
logo
Ultralife Corporation.
CH0003 ULTRALIFE-CH0003 Datasheet
254Kb / 1P
Allows operation from nearly any AC or DC power source likely to be encountered worldwide
11 NOV 19 Rev: K
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com