Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4333 Datasheet (PDF) - Maxim Integrated Products

MAX4333 Datasheet PDF - Maxim Integrated Products
Part # MAX4333
Download  MAX4333 Download
File Size   176.52 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown

MAX4333 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX4333 Datasheet PDF - Maxim Integrated Products

Part # MAX4333
Download  MAX4333 Click to download

File Size   176.52 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown

MAX4333 Datasheet (HTML) - Maxim Integrated Products


MAX4333 Product details

General Description
The MAX4330–MAX4334 single/dual/quad op amps combine a wide 3MHz bandwidth, low-power operation, and excellent DC accuracy with Rail-to-Rail inputs and outputs. These devices require only 245µA per amplifier, and operate from either a single +2.3V to +6.5V supply or dual ±1.15V to ±3.25V supplies. The input common mode voltage range extends 250mV beyond VEE and VCC, and the outputs swing rail-to-rail. The MAX4331/MAX4333 feature a shutdown mode in which the output goes high impedance and the supply current decreases to 9µA per amplifier.
Low-power operation combined with rail-to-rail input common-mode range and output swing makes these amplifiers ideal for portable/battery-powered equipment and other low-voltage, single-supply applications. Although the minimum operating voltage is specified at 2.3V, these devices typically operate down to 2.0V. Low offset voltage and high speed make these amplifiers excellent choices for signal-conditioning stages in precision, low-voltage data-acquisition systems. The MAX4330 is available in the space-saving 5-pin SOT23 package, and the MAX4331/MAX4333 are offered in a µMAX package.

Features
♦ 3MHz Gain-Bandwidth Product
♦ 245µA Quiescent Current per Amplifier
♦ Available in Space-Saving SOT23-5 Package (MAX4330)
♦ +2.3V to +6.5V Single-Supply Operation
♦ Rail-to-Rail Input Common-Mode Voltage Range
♦ Rail-to-Rail Output Voltage Swing
♦ 250µV Offset Voltage
♦ Low-Power, 9µA (per amp) Shutdown Mode (MAX4331/MAX4333)
♦ No Phase Reversal for Overdriven Inputs
♦ Capable of Driving 2kΩ Loads
♦ Unity-Gain Stable

Applications
   Portable/Battery-Powered Equipment
   Data-Acquisition Systems
   Signal Conditioning
   Low-Power, Low-Voltage Applications




Similar Part No. - MAX4333

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4335 MAXIM-MAX4335 Datasheet
542Kb / 17P
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Rev 1; 9/01
MAX4335EXT+T MAXIM-MAX4335EXT+T Datasheet
2Mb / 16P
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
MAX4335EXT-T MAXIM-MAX4335EXT-T Datasheet
542Kb / 17P
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Rev 1; 9/01
MAX4335 MAXIM-MAX4335_V01 Datasheet
2Mb / 16P
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
2021
MAX4336 MAXIM-MAX4336 Datasheet
542Kb / 17P
SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute
Rev 1; 9/01
More results


Similar Description - MAX4333

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4122 MAXIM-MAX4122 Datasheet
285Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
19-1087; Rev 1; 8/97
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4124EUK-T MAXIM-MAX4124EUK-T Datasheet
287Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Rev 1; 8/97
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com