Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS670-04 Datasheet (PDF) - Integrated Device Technology

ICS670-04 Datasheet PDF - Integrated Device Technology
Part # ICS670-04
Download  ICS670-04 Download
File Size   198.77 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Patented PLL with low phase noise

ICS670-04 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS670-04 Datasheet PDF - Integrated Device Technology

Part # ICS670-04
Download  ICS670-04 Click to download

File Size   198.77 Kbytes
Page   7 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description Patented PLL with low phase noise

ICS670-04 Datasheet (HTML) - Integrated Device Technology


ICS670-04 Product details

Description
The ICS670-04 is a high speed, low phase noise, Zero Delay Buffer (ZDB) which integrates IDT’s proprietary analog/digital Phase Locked Loop (PLL) techniques. It is identical to the ICS670-02, but with an increased maximum output frequency of 210 MHz. There are two identical outputs on the chip. The FBCLK should be used to connect to the FBIN. Each output has its own output enable pin.

Features
• Packaged in 16-pin SOIC – Pb (lead) free
• Clock inputs from 5 to 210 MHz (see page 2)
• Patented PLL with low phase noise
• Output clocks up to 210 MHz at 3.3 V
• 15 selectable on-chip multipliers
• Power down mode available
• Low phase noise: -111 dBc/Hz at 10 kHz
• Output enable function tri-states outputs
• Low jitter 15 ps one sigma
• Advanced, low power, sub-micron CMOS process
• Operating voltage of 3.3 V or 5 V
• Industrial temperature grade




Similar Part No. - ICS670-04

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS670-04 ICST-ICS670-04 Datasheet
176Kb / 6P
LOW PHASE NOISE, ZERO DELAY BUFFER AND MULTIPLIER
logo
Renesas Technology Corp
ICS670-04 RENESAS-ICS670-04 Datasheet
353Kb / 8P
LOW PHASE NOISE ZERO DELAY BUFFER AND MULTIPLIER
051310
More results


Similar Description - ICS670-04

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
SP5748 MITEL-SP5748 Datasheet
295Kb / 15P
2.4GHz Very Low Phase Noise PLL
logo
PhaseLink Corporation
PLL601-01 PLL-PLL601-01 Datasheet
201Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-15 PLL-PLL601-15 Datasheet
83Kb / 5P
Low Phase Noise PLL Clock Multiplier
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
Low Phase Noise PLL Clock Multiplier
PLL601-03 PLL-PLL601-03 Datasheet
85Kb / 5P
Low Phase Noise PLL Clock Multiplier
logo
Vectron International, ...
C3310 VECTRON-C3310 Datasheet
154Kb / 5P
Low Phase Noise Build in PLL-Circuit
logo
Analog Devices
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
logo
Linear Technology
LTC6950 LINER-LTC6950 Datasheet
1Mb / 12P
1.4GHz Low Phase Noise, Low Jitter PLL with Clock Distribution
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
ABX0102 ABRACON-ABX0102 Datasheet
56Kb / 4P
Low Phase Noise PLL Clock Multiplier
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com