| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
PMEG2005EL
|
44Kb / 8P |
20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-11 February 2004 |
|
PMEG3002AEL
|
45Kb / 8P |
30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 01-24 February 2004 |
|
PMEG2005AEL
|
43Kb / 8P |
0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-27 April 2004 |
|
PMEG2005AEL
|
100Kb / 8P |
0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 03-15 January 2010 |
|
PMEG2005EL
|
101Kb / 8P |
20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010 |
|
PMEG2005EL
|
101Kb / 8P |
20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010 |
|
PMEG3002AEL
|
101Kb / 8P |
30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02-15 January 2010 |
 Nexperia B.V. All right... |
PMEG2005AEL
|
636Kb / 8P |
0.5 A ultra low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 03 - 15 January 2010 |
|
PMEG2005EL
|
636Kb / 8P |
20 V, 0.5 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02 - 15 January 2010 |
|
PMEG3002AEL
|
637Kb / 8P |
30 V, 0.2 A very low VF MEGA Schottky barrier rectifier in leadless ultra small SOD882 package
Rev. 02 - 15 January 2010 |