| Manufacturer | Part # | Datasheet | Description |
 Maxim Integrated Produc... |
MAX533
|
146Kb / 16P |
2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96 |
|
MAX534
|
125Kb / 16P |
5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96 |
|
MAX5712
|
428Kb / 9P |
12-Bit, Low-Power, Rail-to-Rail Voltage-Output Serial DAC in SOT23
Rev 1; 10/01 |
|
MAX5223
|
222Kb / 11P |
Low - Power, Dual, 8 - Bit, Voltage Output Serial DAC in 8 - Pin SOT23
Rev 0; 1/01 |
 Linear Dimensions Semic... |
LTC1658CS8PBF
|
242Kb / 12P |
14-Bit Rail-to-Rail Micropower DAC in MSOP
|
 Texas Instruments |
DAC707SH
|
1Mb / 27P |
Low-Power, Rail-to-Rail Output, 16-Bit Serial Input
|
 Linear Integrated Syste... |
LTC1663-8IMS8
|
146Kb / 12P |
10-Bit Rail-to-Rail Micropower DAC with
|
 Linear Technology |
LTC1658
|
242Kb / 12P |
14-Bit Rail-to-Rail Micropower DAC in MSOP
|
 Texas Instruments |
DAC7512
|
1Mb / 25P |
Low-Power, Rail-to-Rail Output, 12-Bit Serial Input
|
|
TLV316
|
1Mb / 35P |
10-MHz, Rail-to-Rail Input/Output, Low-Voltage
|