Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5839 Datasheet (PDF) - Maxim Integrated Products

MAX5839 Datasheet PDF - Maxim Integrated Products
Part # MAX5839
Download  MAX5839 Download
File Size   211.95 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Octal, 13-Bit Voltage-Output DAC with Parallel Interface

MAX5839 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX5839 Datasheet PDF - Maxim Integrated Products

Part # MAX5839
Download  MAX5839 Click to download

File Size   211.95 Kbytes
Page   16 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Octal, 13-Bit Voltage-Output DAC with Parallel Interface

MAX5839 Datasheet (HTML) - Maxim Integrated Products


MAX5839 Product details

General Description
The MAX5839 contains eight 13-bit, voltage-output digital-to-analog converters (DACs). On-chip precision output amplifiers provide the voltage outputs. The device operates from +14V/-9V supplies. Its bipolar output voltage swing ranges from +9V to -4V and is achieved with no external components. The MAX5839 has three pairs of differential reference inputs; two of these pairs are connected to two DACs each, and a third pair is connected to four DACs. The references are independently controlled, providing different full-scale output voltages to the respective DACs.

Features
♦ Full 13-Bit Performance Without Adjustments
♦ 8 DACs in a Single Package
♦ Buffered Voltage Outputs
♦ Unipolar or Bipolar Voltage Swing to +9V and -4V
♦ 22µs Output Settling Time
♦ Drives up to 10,000pF Capacitive Load
♦ Low Output Glitch: 30mV
♦ Low Power Consumption: 10mA (typ)
♦ Small Package: 44-Pin MQFP
♦ Double-Buffered Digital Inputs
♦ Asynchronous Load Updates All DACs Simultaneously
♦ Asynchronous CLR Forces All DACs to DUTGND Potential

Applications
    Industrial Process Controls
    Arbitrary Function Generators
    Avionics Equipment
    Minimum Component Count Analog Systems
    Digital Offset/Gain Adjustment
    SONET Applications
    Automatic Test Equipment (ATE)




Similar Part No. - MAX5839

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAX5832 AD-MAX5832 Datasheet
7Mb / 28P
9-Channel, 14-Bit, Current DAC with I2C Interface
Rev 0; 12/20
MAX5832GWX+T AD-MAX5832GWX+T Datasheet
7Mb / 28P
9-Channel, 14-Bit, Current DAC with I2C Interface
Rev 0; 12/20
More results


Similar Description - MAX5839

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7839 AD-AD7839 Datasheet
153Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV.0
logo
Fairchild Semiconductor
SPT5400 FAIRCHILD-SPT5400 Datasheet
73Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Maxim Integrated Produc...
MAX5270 MAXIM-MAX5270 Datasheet
251Kb / 13P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 1; 1/01
MAX547 MAXIM-MAX547 Datasheet
230Kb / 16P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 3; 12/95
MAX7841 MAXIM-MAX7841 Datasheet
326Kb / 14P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
MAX5264 MAXIM-MAX5264 Datasheet
451Kb / 16P
Octal, 14-Bit Voltage-Output DAC with Parallel Interface for ATE
Rev 0; 5/00
MX7839 MAXIM-MX7839 Datasheet
374Kb / 14P
Octal, 13-Bit Voltage-Output DAC with Parallel Interface
Rev 0; 7/03
logo
Cadeka Microcircuits LL...
SPT5400 CADEKA-SPT5400 Datasheet
156Kb / 8P
13-BIT, OCTAL VOLTAGE-OUTPUT DAC WITH PARALLEL INTERFACE
logo
Analog Devices
AD7839ASZ AD-AD7839ASZ Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
AD7839 AD-AD7839_15 Datasheet
157Kb / 12P
Octal 13-Bit, Parallel Input, Voltage-Output DAC
REV. 0
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com