Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1200PT Datasheet (PDF) - Nell Semiconductor Co., Ltd

1200PT Datasheet PDF - Nell Semiconductor Co., Ltd
Part # 1200PT
Download  1200PT Download
File Size   737.29 Kbytes
Page   2 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Voltage rating up to 1600V

1200PT Datasheet (PDF)

Go To PDF Page Download Datasheet
1200PT Datasheet PDF - Nell Semiconductor Co., Ltd

Part # 1200PT
Download  1200PT Click to download

File Size   737.29 Kbytes
Page   2 Pages
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd
Description Voltage rating up to 1600V

1200PT Datasheet (HTML) - Nell Semiconductor Co., Ltd




Similar Part No. - 1200PT

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
1200PTDO NELLSEMI-1200PTDO Datasheet
737Kb / 2P
PHASE CONTROL THYRISTORS
More results


Similar Description - 1200PT

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
395PT NELLSEMI-395PT Datasheet
834Kb / 3P
Voltage rating up to 1600V
800PT NELLSEMI-800PT Datasheet
883Kb / 3P
Voltage rating up to 1600V
910PT NELLSEMI-910PT Datasheet
126Kb / 2P
Voltage rating up to 2600V
1010PT NELLSEMI-1010PT Datasheet
1Mb / 5P
Voltage rating up to 3800V
1150PT NELLSEMI-1150PT Datasheet
2Mb / 2P
Voltage rating up to 2000V
1260PT NELLSEMI-1260PT Datasheet
1Mb / 2P
Voltage rating up to 1200V
2000PT NELLSEMI-2000PT Datasheet
3Mb / 2P
Voltage rating up to 1600V
2500PT NELLSEMI-2500PT Datasheet
2Mb / 3P
Voltage rating up to 1600V
NK3D80 NELLSEMI-NK3D80 Datasheet
912Kb / 2P
Voltage rating up to 1600V
NK3D130 NELLSEMI-NK3D130 Datasheet
882Kb / 2P
Voltage rating up to 1600V
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com