Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UM605B Datasheet (PDF) - Unisonic Technologies

UM605B Datasheet PDF - Unisonic Technologies
Part # UM605B
Download  UM605B Download
File Size   178.32 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR

UM605B Datasheet (PDF)

Go To PDF Page Download Datasheet
UM605B Datasheet PDF - Unisonic Technologies

Part # UM605B
Download  UM605B Click to download

File Size   178.32 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR

UM605B Datasheet (HTML) - Unisonic Technologies


UM605B Product details

DESCRIPTION
UTC UM605A/B that is designed to include 2 op amp and one shunt regulator for battery charger and AC adapter application.

FEATURES
* Internal accurate 2.5V / 1.25V VREF
* Reduced external components




Similar Part No. - UM605B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM605BG-AF5-R UTC-UM605BG-AF5-R Datasheet
161Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605BG-AF5-R UTC-UM605BG-AF5-R Datasheet
160Kb / 4P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605BG-AF5-R UTC-UM605BG-AF5-R Datasheet
178Kb / 6P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605BG-AF5-R UTC-UM605BG-AF5-R Datasheet
173Kb / 5P
OPERATIONAL AMPLIFIERS
UM605BG-AF5-R UTC-UM605BG-AF5-R Datasheet
125Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V/1 .25V SHUNT REGULATOR
More results


Similar Description - UM605B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B432 ETC-B432 Datasheet
111Kb / 5P
1.25V Adjustable Shunt Regulator
logo
Unisonic Technologies
UM603S UTC-UM603S Datasheet
175Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432_07 Datasheet
175Kb / 17P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
UM605A-B UTC-UM605A-B Datasheet
161Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
UM605A_1112 UTC-UM605A_1112 Datasheet
160Kb / 4P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
logo
BCD Semiconductor Manuf...
AZ432 BCDSEMI-AZ432_12 Datasheet
700Kb / 17P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Unisonic Technologies
UM605A UTC-UM605A Datasheet
178Kb / 6P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
logo
E-Tech Electronics LTD
UM605A_B ETL-UM605A_B Datasheet
161Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V/1.25V SHUNT REGULATOR
logo
Diodes Incorporated
AZ432 DIODES-AZ432 Datasheet
362Kb / 18P
LOW VOLTAGE (1.25V) ADJUSTABLE PRECISION SHUNT REGULATOR
Rev 3
logo
Unisonic Technologies
UM605A UTC-UM605A_17 Datasheet
125Kb / 5P
OPERATIONAL AMPLIFIERS WITH 2.5V/1 .25V SHUNT REGULATOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com