Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS3A4751 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TS3A4751 Datasheet PDF - Texas Instruments
Part # TS3A4751
Download  TS3A4751 Download
File Size   1206.17 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TS3A4751 0.9-Ω Low-Voltage, Single-Supply, 4-Channel SPST Analog Switch

TS3A4751 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS3A4751 Datasheet PDF - Texas Instruments

Part # TS3A4751
Download  TS3A4751 Click to download

File Size   1206.17 Kbytes
Page   29 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TS3A4751 0.9-Ω Low-Voltage, Single-Supply, 4-Channel SPST Analog Switch

TS3A4751 Datasheet (HTML) - Texas Instruments


TS3A4751 Product details

Description
The TS3A4751 device is a bidirectional, 4-channel,
normally open (NO) single-pole single-throw (SPST) analog switch that operates from a single 1.6-V to
3.6-V supply. This device has fast switching speeds,
handles rail-to-rail analog signals, and consumes very
low quiescent power.
The digital input is 1.8-V CMOS compatible when
using a 3-V supply.
The TS3A4751 device has four normally open (NO)
switches. The TS3A4751 is available in a 14-pin thin shrink small-outline package (TSSOP) and in space-
saving 14-pin VQFN (RGY) and micro X2QFN (RUC)
packages.

Features
• Low ON-State Resistance (RON)
– 0.9 Ω Max (3-V Supply)
– 1.5 Ω Max (1.8-V Supply)
• RON Flatness: 0.4 Ω Max (3-V)
• R ON Channel Matching
– 0.05 Ω Max (3-V Supply)
– 0.15 Ω Max (1.8-V Supply)
• 1.6-V to 3.6-V Single-Supply Operation
• 1.8-V CMOS Logic Compatible (3-V Supply)
• High Current-Handling Capacity (100 mA
Continuous)
• Fast Switching: tON = 5 ns, tOFF = 4 ns
• Supports Both Digital and Analog Applications
• ESD Protection Exceeds JESD-22
– ±4000-V Human Body Model (A114-A)
– 300-V Machine Model (A115-A)
– ±1000-V Charged-Device Model (C101)

Applications
• Power Routing
• Battery-Powered Systems
• Audio and Video Signal Routing
• Low-Voltage Data-Acquisition Systems
• Communications Circuits
• PCMCIA Cards
• Cellular Phones
• Modems
• Hard Drives




Similar Part No. - TS3A4751

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI-TS3A4751 Datasheet
741Kb / 21P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751 TI1-TS3A4751 Datasheet
912Kb / 24P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751PWR TI-TS3A4751PWR Datasheet
195Kb / 14P
0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4751PWR TI-TS3A4751PWR Datasheet
741Kb / 21P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
More results


Similar Description - TS3A4751

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4751 MAXIM-MAX4751 Datasheet
330Kb / 13P
0.9?? Low-Voltage, Single-Supply Quad SPST Analog Switches
Rev 1; 4/03
logo
Texas Instruments
TS3A4751 TI-TS3A4751 Datasheet
195Kb / 14P
0.9-ohm LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741 Datasheet
291Kb / 14P
0.9-OHM LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741_08 Datasheet
529Kb / 17P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
logo
Vishay Siliconix
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
30-Apr-07
logo
Texas Instruments
TS3A4751 TI-TS3A4751_10 Datasheet
741Kb / 21P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4741 TI-TS3A4741_09 Datasheet
534Kb / 17P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4751 TI1-TS3A4751_14 Datasheet
912Kb / 24P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY QUAD SPST ANALOG SWITCH
TS3A4741 TI1-TS3A4741_14 Datasheet
730Kb / 20P
0.9-廓 LOW-VOLTAGE SINGLE-SUPPLY DUAL SPST ANALOG SWITCHES
TS3A4741 TI-TS3A4741_15 Datasheet
981Kb / 26P
TS3A474x 0.9-廓 Low-Voltage Single-Supply 2-Channel SPST Analog Switches
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com