Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXL1001 Datasheet (PDF) - Maxim Integrated Products

MXL1001 Datasheet PDF - Maxim Integrated Products
Part # MXL1001
Download  MXL1001 Download
File Size   42.22 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision Operational Amplifier

MXL1001 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXL1001 Datasheet PDF - Maxim Integrated Products

Part # MXL1001
Download  MXL1001 Click to download

File Size   42.22 Kbytes
Page   4 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision Operational Amplifier

MXL1001 Datasheet (HTML) - Maxim Integrated Products


MXL1001 Product details

General Description

The MXL1001 offers significant specification improvement over earlier precision operational amplifiers and is pin compatible with the industry-standard LT1001. Particular attention has been paid to the optimization of key parameters such as input offset voltage, common-mode rejection, and power-supply rejection. In addition, the high-perfor mance MXL1001C commercial temperature device provides considerable cost savings when compared to equivalent grades of competing precision amplifiers.

The input offset voltage of all units is less than 60µV, allowing the premium military device, the MXL1001AM, to be specified at 15µV max. Power dissipation is close to half that of the industry-standard OP-07 precision op amp, without sacrificing noise or speed performance. A useful by-product of lower dissipation is decreased warm-up drift.





Features

♦ Guaranteed Low Offset Voltage

   MXL1001AM: 15µV max

   MXL1001C: 60µV max

♦ Guaranteed Low Drift

   MXL1001AM: 0.6µV/°C max

   MXL1001C: 1.0µV/°C max

♦ Guaranteed Low Bias Current

   MXL1001AM: 2nA max

   MXL1001C: 4nA max

♦ Guaranteed CMRR

   MXL1001AM: 114dB min

   MXL1001C: 110dB min

♦ Guaranteed PSRR

   MXL1001AM: 110dB min

   MXL1001C: 106dB min

♦ Low Power Dissipation

   MXL1001AM: 75mW max

   MXL1001C: 80mW max

♦ Low Noise: 0.3µVp-p



Applications

  Thermocouple Amplifiers

  Low-Level Signal Processing

  Strain Gauge Amplifiers

  High-Accuracy Data Acquisition



 




Similar Part No. - MXL1001

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
MXL1007ACN8 MAXIM-MXL1007ACN8 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
MXL1007AMH MAXIM-MXL1007AMH Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
MXL1007AMJ8 MAXIM-MXL1007AMJ8 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
MXL1007CN8 MAXIM-MXL1007CN8 Datasheet
246Kb / 8P
Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
More results


Similar Description - MXL1001

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
Precision Operational Amplifier?
RH37C LINER-RH37C Datasheet
164Kb / 4P
Precision Operational Amplifier
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
Precision Operational Amplifier
June 2004
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
Precision Operational Amplifier
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
Precision Operational Amplifier
March, 2005 ??Rev. XXX
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com