Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MXL1013 Datasheet (PDF) - Maxim Integrated Products

MXL1013 Datasheet PDF - Maxim Integrated Products
Part # MXL1013
Download  MXL1013 Download
File Size   160.98 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual/Quad Precision Op Amps

MXL1013 Datasheet (PDF)

Go To PDF Page Download Datasheet
MXL1013 Datasheet PDF - Maxim Integrated Products

Part # MXL1013
Download  MXL1013 Click to download

File Size   160.98 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dual/Quad Precision Op Amps

MXL1013 Datasheet (HTML) - Maxim Integrated Products


MXL1013 Product details

General Description
The Maxim MXL1013 is a precision dual op amp that upgrades the performance of popular devices such as the MC1458/MC1558, LM158 and OP221. The Maxim MXL1014 is a precision quad op amp that directly upgrades designs in the industry-standard 14-pin DIP configuration and has specifications similar to the LT1013. The MXL1013 and MXL1014 are pin compatible with industry standards such as the LT1013 and LT1014.

Features
♦ Single-Supply Operation
   Input Voltage Range Extends to Ground
   Output Swings to Ground while Sinking Current
♦ 150µV Max Offset Voltage
♦ Low Drift: 2µV/°C Max
♦ 0.8nA Max Offset Current
♦ Guaranteed High Gain
   5mA Load Current: 1.5 Million Min
   17mA Load Current: 0.8 Million Min
♦ 500µA Max Supply Current per Amplifier
♦ Low Voltage Noise: 0.1Hz to 10Hz, 0.55µVp-p
♦ Lower Current Noise than OP07: 0.07 pA/√Hz




Similar Part No. - MXL1013

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MXL1016 MAXIM-MXL1016 Datasheet
41Kb / 4P
Ultra-Fast Precision TTL Comparators
MXL1016-MXL1116 MAXIM-MXL1016-MXL1116 Datasheet
41Kb / 4P
Ultra-Fast Precision TTL Comparators
MXL1016CN8 MAXIM-MXL1016CN8 Datasheet
41Kb / 4P
Ultra-Fast Precision TTL Comparators
MXL1016CS8 MAXIM-MXL1016CS8 Datasheet
41Kb / 4P
Ultra-Fast Precision TTL Comparators
MXL1016MJ8 MAXIM-MXL1016MJ8 Datasheet
41Kb / 4P
Ultra-Fast Precision TTL Comparators
More results


Similar Description - MXL1013

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1112 LINER-LT1112 Datasheet
369Kb / 12P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1124 LINER-LT1124 Datasheet
227Kb / 16P
Dual/Quad Low Noise, High Speed Precision Op Amps
logo
Maxim Integrated Produc...
MXL1178 MAXIM-MXL1178 Datasheet
265Kb / 8P
17uA Max, Dual/Quad, Single-Supply, Precision Op Amps
19-0104; Rev 1; 8/94
logo
Linear Technology
LT1722 LINER-LT1722 Datasheet
326Kb / 16P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Technology
LT1112 LINER-LT1112_15 Datasheet
345Kb / 16P
Dual/Quad Low Power Precision, Picoamp Input Op Amps
LT1723 LINER-LT1723_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1724 LINER-LT1724_15 Datasheet
304Kb / 18P
Single, Dual, Quad 200MHz Low Noise Precision Op Amps
LT1079 LINER-LT1079_15 Datasheet
609Kb / 20P
Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Maxim Integrated Produc...
MAX44241 MAXIM-MAX44241_V01 Datasheet
875Kb / 13P
36V, Low-Noise, Precision, Single/Quad/Dual Op Amps
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com