Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

548B Datasheet (PDF) - Micro Commercial Components

548B Datasheet PDF - Micro Commercial Components
Part # 548B
Download  548B Download
File Size   1240.71 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Amplifier Transistor 625mW

548B Datasheet (PDF)

Go To PDF Page Download Datasheet
548B Datasheet PDF - Micro Commercial Components

Part # 548B
Download  548B Click to download

File Size   1240.71 Kbytes
Page   4 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description NPN Silicon Amplifier Transistor 625mW

548B Datasheet (HTML) - Micro Commercial Components


548B Product details

Features
•  Lead Free Finish/RoHS Compliant ("P" Suffix designates RoHS Compliant. See ordering information)
•  Through Hole Package
•  150°C Junction Temperature
•  Epoxy meets UL 94 V-0 flammability rating
•  Moisure Sensitivity Level 1
•  Halogen free available upon request by adding suffix "-HF"




Similar Part No. - 548B

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
548 KEYSTONE-548 Datasheet
401Kb / 1P
HANDLES
31-07 20th
logo
Alpha Wire
5480-19C ALPHAWIRE-5480-19C Datasheet
411Kb / 4P
24 (7/32) AWG Tinned Copper
5480-50C ALPHAWIRE-5480-50C Datasheet
414Kb / 5P
24 (7/32) AWG Tinned Copper
5480/15C ALPHAWIRE-5480/15C Datasheet
98Kb / 4P
Customer Specification
12/5/2022
5480/25C ALPHAWIRE-5480/25C Datasheet
93Kb / 4P
Customer Specification
1/11/2023
More results


Similar Description - 548B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BC556 MCC-BC556 Datasheet
690Kb / 4P
PNP Silicon Amplifier Transistor 625mW
BC546B MCC-BC546B_08 Datasheet
228Kb / 5P
NPN Silicon Amplifier Transistor 625mW
MPSA42 MCC-MPSA42_08 Datasheet
133Kb / 4P
NPN Silicon High Voltage Transistor 625mW
2N5401 MCC-2N5401 Datasheet
281Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A Datasheet
301Kb / 5P
NPN Silicon Amplifier Transistor 625mW
BC556 MCC-BC556_11 Datasheet
294Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC557C-AP MCC-BC557C-AP Datasheet
328Kb / 5P
PNP Silicon Amplifier Transistor 625mW
2N5401 MCC-2N5401_14 Datasheet
437Kb / 5P
PNP Silicon Amplifier Transistor 625mW
BC546A MCC-BC546A_13 Datasheet
341Kb / 5P
NPN Silicon Amplifier Transistor 625mW
BC556A MCC-BC556A Datasheet
385Kb / 5P
PNP Silicon Amplifier Transistor 625mW
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com