Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GBJ2001 Datasheet (PDF) - Micro Commercial Components

GBJ2001 Datasheet PDF - Micro Commercial Components
Part # GBJ2001
Download  GBJ2001 Download
File Size   88.84 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts

GBJ2001 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBJ2001 Datasheet PDF - Micro Commercial Components

Part # GBJ2001
Download  GBJ2001 Click to download

File Size   88.84 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts

GBJ2001 Datasheet (HTML) - Micro Commercial Components


GBJ2001 Product details

Features
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
   RoHS Compliant. See ordering information)
• Epoxy meets UL 94 V-0 flammability rating
• Moisture Sensitivity Level 1
• Rating to 1000V PRV
• Ideal for printed circuit board
• Low forward voltage drop, high current capability.
• UL Recognized File # E165989
• Halogen free available upon request by adding suffix "-HF"




Similar Part No. - GBJ2001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
GBJ2001 DIODES-GBJ2001 Datasheet
53Kb / 2P
20A GLASS PASSIVATED BRIDGE RECTIFIER
DS21220 Rev. D-2
logo
Sirectifier Semiconduct...
GBJ2001 SIRECTIFIER-GBJ2001 Datasheet
60Kb / 2P
Single Phase Bridge Rectifiers
logo
TAITRON Components Inco...
GBJ2001 TAITRON-GBJ2001 Datasheet
259Kb / 4P
Single-Phase Glass Passivated Bridge Rectifier
logo
UNIOHM CORPORATION
GBJ2001 UNIOHM-GBJ2001 Datasheet
67Kb / 2P
SINGLE PHASE 20.0 AMP BRIDGE RECTIFIERS
logo
MIC GROUP RECTIFIERS
GBJ2001 MIC-GBJ2001 Datasheet
56Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - GBJ2001

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
GBJ15005 MCC-GBJ15005 Datasheet
91Kb / 2P
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ8005 MCC-GBJ8005 Datasheet
89Kb / 2P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ10005 MCC-GBJ10005_10 Datasheet
110Kb / 3P
10 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ20005 MCC-GBJ20005_11 Datasheet
362Kb / 3P
20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJL20005 MCC-GBJL20005 Datasheet
331Kb / 3P
20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ20005 MCC-GBJ20005_13 Datasheet
375Kb / 3P
20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ50005 MCC-GBJ50005 Datasheet
344Kb / 3P
50 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA8005 MCC-GBJA8005 Datasheet
308Kb / 3P
8 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA20005 MCC-GBJA20005 Datasheet
327Kb / 3P
20 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJA25005 MCC-GBJA25005 Datasheet
325Kb / 3P
25 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com