Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6121HIB Datasheet (PDF) - Intersil Corporation

ISL6121HIB Datasheet PDF - Intersil Corporation
Part # ISL6121HIB
Download  ISL6121HIB Download
File Size   419.86 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Supply Integrated Current Limiting Controller

ISL6121HIB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6121HIB Datasheet PDF - Intersil Corporation

Part # ISL6121HIB
Download  ISL6121HIB Click to download

File Size   419.86 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Single Supply Integrated Current Limiting Controller

ISL6121HIB Datasheet (HTML) - Intersil Corporation


ISL6121HIB Product details

The ISL6121 is a single supply Overcurrent (OC) fault
protection IC for 2.5V to 5V applications where 2A current
limiting is desired. This device features internal current
monitoring and limiting along with a 50mΩ integrated power
switch and a current limited time out to latch-off feature for
system protection. The time to latch-off is independent of
device temperature, and magnitude of OC.
Each ISL6121 incorporates in a 8 lead SOIC package a
50mΩ N-channel MOSFET power switch for power control.
The switch is driven by a constant current source giving a
controlled ramp up of the output voltage. This provides a soft
start turn-on eliminating bus voltage drooping caused by inrush current while charging heavy load capacitances.
(Enable high (ISL6121H) and enable low (ISL6121L) options
are) available with a fault reporting output compatible with 3V
and 5V logic level signals allowing for external control and
monitoring.
The Under Voltage (UVLO) lockout feature prevents turn-on
of the output unless the correct ENABLE signal and VIN >
2.5V are both present. During initial turn-on the ISL6121
design prevents a fault from being presented by blanking the
fault signal, unlike other vendor devices needing additional
external circuitry to accomplish this. Rising and falling
output is a current-limited voltage ramp so that both the
inrush current and voltage slew rate are limited,
independent of load. This reduces supply droop due to
surge and eliminates the need for external EMI filters.
During operation once an OC condition is detected the
output is current limited to 2A to allow for a transient
condition to pass. If still in current limit after the current limit
period has elapsed the output is latched off and the fault is
reported by pulling the FAULT low. The FAULT signal is
latched low until reset by the enable signal being deasserted
at which time the FAULT signal will clear.

Features
• 0.05Ω Integrated Power N-channel MOSFET Switch
• Accurate Current Sensing and Limiting
• 12ms Timed Fault Latch-Off, No thermal Dependency
• 2.5V to 5.5V Operating Range
• Under Voltage Lockout
• Disabled Output Internally Pulled Low
• Controlled Turn On/Off Ramp Times
• Fault Output Signal
• Logic Level Enable High Inputs (ISL6121H) or Enable Low
Inputs (ISL6121L)
• Logic Level Compatible Enable Input and Fault Output
• Pb-Free Available (RoHS Compliant)

Applications
• Fibre Channel
• Industrial Power Control
• Hot Plug




Similar Part No. - ISL6121HIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6121HIB INTERSIL-ISL6121HIB Datasheet
566Kb / 16P
Single Supply Integrated Current Limiting Controller
June 10, 2005
logo
Renesas Technology Corp
ISL6121HIB RENESAS-ISL6121HIB Datasheet
645Kb / 11P
Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121HIB-T INTERSIL-ISL6121HIB-T Datasheet
566Kb / 16P
Single Supply Integrated Current Limiting Controller
June 10, 2005
logo
Renesas Technology Corp
ISL6121HIB-T RENESAS-ISL6121HIB-T Datasheet
645Kb / 11P
Single Supply Integrated Current Limiting Controller
logo
Intersil Corporation
ISL6121HIBZA INTERSIL-ISL6121HIBZA Datasheet
566Kb / 16P
Single Supply Integrated Current Limiting Controller
June 10, 2005
More results


Similar Description - ISL6121HIB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6121 INTERSIL-ISL6121 Datasheet
566Kb / 16P
Single Supply Integrated Current Limiting Controller
June 10, 2005
logo
International Rectifier
IR2125 IRF-IR2125 Datasheet
490Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z Datasheet
140Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125S IRF-IR2125S Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125PBF IRF-IR2125PBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125SPBF IRF-IR2125SPBF Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125 IRF-IR2125_15 Datasheet
216Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
IR2125Z IRF-IR2125Z_15 Datasheet
245Kb / 16P
CURRENT LIMITING SINGLE CHANNEL DRIVER
logo
Renesas Technology Corp
ISL6121 RENESAS-ISL6121 Datasheet
645Kb / 11P
Single Supply Integrated Current Limiting Controller
logo
Infineon Technologies A...
IR2125 INFINEON-IR2125 Datasheet
218Kb / 17P
CURRENT LIMITING SINGLE CHANNEL DRIVER
Data Sheet No. PD60017 Rev.Q
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com