Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6217ACV Datasheet (PDF) - Intersil Corporation

ISL6217ACV Datasheet PDF - Intersil Corporation
Part # ISL6217ACV
Download  ISL6217ACV Download
File Size   437.03 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV

ISL6217ACV Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6217ACV Datasheet PDF - Intersil Corporation

Part # ISL6217ACV
Download  ISL6217ACV Click to download

File Size   437.03 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV and IMVP-IV

ISL6217ACV Datasheet (HTML) - Intersil Corporation


ISL6217ACV Product details

The ISL6217A Multi-Phase Buck PWM controller IC, with
integrated half bridge gate drivers, provides a precision
voltage regulation system for advanced Pentium IV
microprocessors in notebook computers. Two-phase
operation eases the thermal management issues and load
demand of Intel’s latest high performance processors. This
control IC also features both input voltage feed-forward and
average current mode control for excellent dynamic
response, “Loss-less” current sensing using MOSFET
rDS(ON) and user-selectable switching frequencies from
250kHz to 1MHz per phase.
The ISL6217A includes a 6-bit digital-to-analog converter
(DAC) that dynamically adjusts the CORE PWM output
voltage from 0.700V to 1.708V in 16mV steps and conforms
to the Intel IMVP-IV™ and IMVP-IV+™ mobile VID
specification. The ISL6217A also has logic inputs to select
Active, Deep Sleep and Deeper Sleep modes of operation. A
precision reference, remote sensing and proprietary
architecture, with integrated, processor-mode, compensated
“Droop”, provide excellent static and dynamic CORE voltage
regulation.
To improve efficiency at light loading, the ISL6217A can be
configured to run in single phase PWM in ACTIVE, DEEP or
DEEPER SLEEP modes of operation. Also, in deep and
deeper sleep modes the ISL6217A will operate in diode
emulation.
Another feature of this IC controller is the PGOOD monitor
circuit that is held low until CORE voltage increases, during
its soft-start sequence, to within 12% of the “Boot” voltage.
This PGOOD signal is masked during VID changes. Output
overcurrent, overvoltage and undervoltage are monitored
and result in the converter latching off and PGOOD signal
being held low.
The overvoltage and undervoltage thresholds are 112% and
84% of the VID, Deep or Deeper Sleep setpoint,
respectively. Overcurrent protection features a 32 cycle
overcurrent shutdown. PGOOD, overvoltage, undervoltage
and overcurrent provide monitoring and protection for the
microprocessor and power system. The ISL6217A IC is
available in a 38 lead TSSOP.

Features
• Diode Emulation Functionality in deep and deeper sleep
modes for improved light load efficiency
• IMVP-IV™ and IMVP-IV+™ Compliant CORE Regulator
• Single and/or Two-phase Power Conversion
• “Loss-less” Current sensing for improved efficiency and
reduced board area
- Optional Discrete Precision Current Sense Resistor
• Internal Gate-Drive and Boot-Strap Diodes
• Precision CORE Voltage Regulation
- 0.8% system accuracy over temperature
• 6-Bit Microprocessor Voltage Identification Input
• Programmable “Droop” and CORE Voltage Slew Rate to
comply with IMVP-IV™ and IMVP-IV+™ specification
• Direct Interface with System Logic (STP_CPU# and
DPRSLPVR) for Deep and Deeper Sleep modes of
operation
• Easily Programmable voltage setpoints for Initial “Boot”,
Deep Sleep and Deeper Sleep Modes
• Excellent Dynamic Response
- Combined Voltage Feed-Forward and Average Current
Mode Control
• Overvoltage, Undervoltage and Overcurrent Protection
• Power-Good Output with internal blanking during VID and
mode changes
• User programmable Switching Frequency of 250kHz -
1MHz per phase
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - ISL6217ACV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6217ACV INTERSIL-ISL6217ACV Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
logo
Renesas Technology Corp
ISL6217ACV RENESAS-ISL6217ACV Datasheet
877Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217ACV-T INTERSIL-ISL6217ACV-T Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
logo
Renesas Technology Corp
ISL6217ACV-T RENESAS-ISL6217ACV-T Datasheet
877Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
logo
Intersil Corporation
ISL6217ACVZ INTERSIL-ISL6217ACVZ Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
More results


Similar Description - ISL6217ACV

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3205 AD-ADP3205 Datasheet
70Kb / 1P
Multiphase IMVP-IV Core Controller for Mobile CPUs
REV.0
logo
Semtech Corporation
SC451 SEMTECH-SC451 Datasheet
25Kb / 1P
Portable IMVP-IV??and IMVP-IV??Single Phase Power Supply Controller
logo
Intersil Corporation
ISL6218 INTERSIL-ISL6218 Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
ISL6217 INTERSIL-ISL6217 Datasheet
307Kb / 19P
Precision Multi-Phase Buck PWM Precision Multi-Phase Buck PWM Positioning IMVP-IV??and IMVP-IV
December 2006
ISL6217A INTERSIL-ISL6217A Datasheet
443Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
June 30, 2005
ISL6218CVZ-T INTERSIL-ISL6218CVZ-T Datasheet
410Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
ISL6218CV INTERSIL-ISL6218CV Datasheet
407Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV and IMVP-IV
August 6, 2007
logo
Renesas Technology Corp
ISL6218 RENESAS-ISL6218 Datasheet
810Kb / 19P
Precision Single-Phase Buck PWM Controller for Intel Mobile Voltage Positioning IMVP-IV??and IMVP-IV?
ISL6217 RENESAS-ISL6217 Datasheet
309Kb / 19P
Precision Multi-Phase Buck PWM Controller for Intel‚ Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
December 2006
ISL6217A RENESAS-ISL6217A Datasheet
877Kb / 20P
Precision Multi-Phase Buck PWM Controller for Intel, Mobile Voltage Positioning IMVP-IV™ and IMVP-IV™
June 30, 2005
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com