Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6140 Datasheet (PDF) - Intersil Corporation

ISL6140 Datasheet PDF - Intersil Corporation
Part # ISL6140
Download  ISL6140 Download
File Size   469.84 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Voltage Hot Plug Controller

ISL6140 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6140 Datasheet PDF - Intersil Corporation

Part # ISL6140
Download  ISL6140 Click to download

File Size   469.84 Kbytes
Page   19 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Negative Voltage Hot Plug Controller

ISL6140 Datasheet (HTML) - Intersil Corporation


ISL6140 Product details

The ISL6140 is an 8 Ld, negative voltage hot plug
controller that allows a board to be safely inserted and
removed from a live backplane. Inrush current is limited
to a programmable value by controlling the gate voltage
of an external N-channel pass transistor. The pass
transistor is turned off if the input voltage is less than the
undervoltage threshold, or greater than the overvoltage
threshold. A programmable electronic circuit breaker
protects the system against shorts. The active low
PWRGD signal can be used to directly enable a power
module (with a low enable input)
The ISL6150 is the same part, but with an active high
PWRGD signal.

Features
• Low Side External NFET Switch
• Operates from -10V to -80V (-100V absolute max
rating) or +10V to +80V (+100V absolute max
rating)
• Programmable Inrush Current
• Programmable Electronic Circuit Breaker
(overcurrent shutdown)
• Programmable Overvoltage Protection
• Programmable Undervoltage Lockout
• Power Good Control Output
- PWRGD Active High: (H Version) ISL6150
- PWRGD active Low: (L Version) ISL6140
• Pb-free available (RoHS compliant)

Applications
• VoIP (Voice over Internet Protocol) Servers
• Telecom systems at -48V
• Negative Power Supply Control
• +24V Wireless Base Station Power




Similar Part No. - ISL6140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140 INTERSIL-ISL6140 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
Negative Voltage Hot Plug Controller
logo
Intersil Corporation
ISL6140 INTERSIL-ISL6140 Datasheet
469Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
473Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
More results


Similar Description - ISL6140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6141 INTERSIL-ISL6141 Datasheet
428Kb / 19P
Negative Voltage Hot Plug Controller
July 2004
ISL6142 INTERSIL-ISL6142 Datasheet
452Kb / 23P
Negative Voltage Hot Plug Controller
July 2004
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
Negative Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6140 INTERSIL-ISL6140 Datasheet
473Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
Negative Voltage Hot Swap Controller
logo
Intersil Corporation
ISL6140CBZ INTERSIL-ISL6140CBZ Datasheet
469Kb / 19P
Negative Voltage Hot Plug Controller
April 29, 2010
ISL6141CB INTERSIL-ISL6141CB Datasheet
429Kb / 19P
Negative Voltage Hot Plug Controller
July 2004
logo
Renesas Technology Corp
ISL6140 RENESAS-ISL6140 Datasheet
868Kb / 20P
Negative Voltage Hot Plug Controller
ISL6141 RENESAS-ISL6141 Datasheet
899Kb / 20P
Negative Voltage Hot Plug Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com