Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5178 Datasheet (PDF) - Intersil Corporation

EL5178 Datasheet PDF - Intersil Corporation
Part # EL5178
Download  EL5178 Download
File Size   839.95 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 700MHz Differential Twisted-Pair Drivers

EL5178 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5178 Datasheet PDF - Intersil Corporation

Part # EL5178
Download  EL5178 Click to download

File Size   839.95 Kbytes
Page   18 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 700MHz Differential Twisted-Pair Drivers

EL5178 Datasheet (HTML) - Intersil Corporation


EL5178 Product details

The EL5178 and EL5378 are single and triple high bandwidth
amplifiers with an output in differential form. They are
primarily targeted for applications such as driving twisted-pair
lines in component video applications. The inputs can be in
either single-ended or differential form but the outputs are
always in differential form.
On the EL5178 and EL5378, two feedback inputs provide the
user with the ability to set the gain of each device (stable at
minimum gain of 2).
The output common mode level for each channel is set by the
associated REF pin, which has a -3dB bandwidth of over
110MHz. Generally, these pins are grounded but can be tied to
any voltage reference.
All outputs are short circuit protected to withstand temporary
overload condition.
The EL5178 is available in 8 Ld MSOP and SOIC packages and
EL5378 is available in a 28 Ld QSOP package. All are specified
for operation over the full -40°C to +85°C temperature range.

Features
• Fully differential inputs, outputs, and feedback
• Differential input range ±2.3V
• 700MHz 3dB bandwidth
• 1000V/µs slew rate
• Low distortion at 5MHz and 20MHz
• Single 5V or dual ±5V supplies
• 60mA maximum output current
• Low power - 12.5mA per channel
• Pb-free available (RoHS compliant)

Applications
• Twisted-pair driver
• Differential line driver
• VGA over twisted-pair
• ADSL/HDSL driver
• Single-ended to differential amplification
• Transmission of analog signals in a noisy environment




Similar Part No. - EL5178

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5178 INTERSIL-EL5178 Datasheet
720Kb / 18P
700MHz Differential Twisted-Pair Drivers
May 16, 2007
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
700MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
700MHz Differential Twisted-Pair Drivers
logo
Intersil Corporation
EL5178IS INTERSIL-EL5178IS Datasheet
720Kb / 18P
700MHz Differential Twisted-Pair Drivers
May 16, 2007
EL5178IS INTERSIL-EL5178IS Datasheet
826Kb / 17P
700MHz Differential Twisted-Pair Drivers
More results


Similar Description - EL5178

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5171 INTERSIL-EL5171_06 Datasheet
331Kb / 14P
250MHz Differential Twisted-Pair Drivers
October 30, 2006
EL5170 INTERSIL-EL5170_06 Datasheet
640Kb / 15P
100MHz Differential Twisted-Pair Drivers
April 24, 2006
EL5173 INTERSIL-EL5173_06 Datasheet
694Kb / 14P
450MHz Differential Twisted-Pair Drivers
January 25, 2006
EL5178 INTERSIL-EL5178_07 Datasheet
720Kb / 18P
700MHz Differential Twisted-Pair Drivers
May 16, 2007
EL5173 INTERSIL-EL5173_08 Datasheet
371Kb / 15P
450MHz Differential Twisted-Pair Drivers
February 4, 2008
EL5178 INTERSIL-EL5178 Datasheet
826Kb / 17P
700MHz Differential Twisted-Pair Drivers
EL5171 INTERSIL-EL5171 Datasheet
533Kb / 14P
250MHz Differential Twisted-Pair Drivers
logo
Renesas Technology Corp
EL5171 RENESAS-EL5171 Datasheet
751Kb / 15P
250MHz Differential Twisted-Pair Drivers
EL5173 RENESAS-EL5173 Datasheet
793Kb / 15P
450MHz Differential Twisted-Pair Drivers
EL5178 RENESAS-EL5178 Datasheet
1Mb / 18P
700MHz Differential Twisted-Pair Drivers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com