Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7158IS Datasheet (PDF) - Intersil Corporation

EL7158IS Datasheet PDF - Intersil Corporation
Part # EL7158IS
Download  EL7158IS Download
File Size   202.87 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra-High Current Pin Driver

EL7158IS Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7158IS Datasheet PDF - Intersil Corporation

Part # EL7158IS
Download  EL7158IS Click to download

File Size   202.87 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Ultra-High Current Pin Driver

EL7158IS Datasheet (HTML) - Intersil Corporation


EL7158IS Product details

The EL7158 high performance pin
driver with three-state is suited to
many ATE and level-shifting
applications. The 12A peak drive capability makes this part
an excellent choice when driving high capacitance loads.
The output pin OUT is connected to input pins VH or VL
respectively, depending on the status of the IN pin. When the
OE pin is active low, the output is placed in the three-state
mode. The isolation of the output FETs from the power
supplies enables VH and VL to be set independently,
enabling level-shifting to be implemented. Related to the
EL7155, the EL7158 adds a lower supply pin VS- and makes
VL an isolated and independent input. This feature adds
applications flexibility and improves switching response due
to the increased enhancement of the output FETs.
This pin driver has improved performance over existing pin
drivers. It is specifically designed to operate at voltages
down to 0V across the switch elements while maintaining
good speed and ON-resistance characteristics.
Available in the 8 Ld SOIC package, the EL7158 is specified
for operation over the full -40°C to +85°C temperature range.

Features
• Clocking speeds up to 40MHz
• 12ns tR/tF at 2000pF CLOAD
• 0.2ns rise and fall times mismatch
• 0.5ns tON-tOFF prop delay mismatch
• 3.5pF typical input capacitance
• 12A peak drive
• Low ON-resistance of 0.5Ω
• High capacitive drive capability
• Operates from 4.5V to 12V
• Pb-free plus anneal available (RoHS compliant)

Applications
• ATE/burn-in testers
• Level shifting
• IGBT drivers
• CCD drivers




Similar Part No. - EL7158IS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7158IS INTERSIL-EL7158IS Datasheet
199Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
logo
Renesas Technology Corp
EL7158IS RENESAS-EL7158IS Datasheet
488Kb / 9P
Ultra-High Current Pin Driver
logo
Intersil Corporation
EL7158IS-T13 INTERSIL-EL7158IS-T13 Datasheet
199Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
logo
Renesas Technology Corp
EL7158IS-T13 RENESAS-EL7158IS-T13 Datasheet
488Kb / 9P
Ultra-High Current Pin Driver
logo
Intersil Corporation
EL7158IS-T7 INTERSIL-EL7158IS-T7 Datasheet
199Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
More results


Similar Description - EL7158IS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53500 AD-AD53500 Datasheet
101Kb / 7P
High Speed, High Current Capability Pin Driver
logo
Intersil Corporation
HFA5250 INTERSIL-HFA5250 Datasheet
577Kb / 5P
500MHz, Ultra High Speed Monolithic Pin Driver
October 1998
logo
Harris Corporation
HFA5253 HARRIS-HFA5253 Datasheet
527Kb / 18P
800MHz, Ultra High-Speed Monolithic Pin Driver
logo
Intersil Corporation
EL7158 INTERSIL-EL7158 Datasheet
199Kb / 9P
Ultra-High Current Pin Driver
May 14, 2007
EL7156 INTERSIL-EL7156 Datasheet
232Kb / 10P
High Performance Pin Driver
logo
Analog Devices
AD53500 AD-AD53500_15 Datasheet
105Kb / 7P
High Speed, High Current Capability Pin Driver
REV. 0
logo
Intersil Corporation
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
EL7156CNZ INTERSIL-EL7156CNZ Datasheet
294Kb / 11P
High Performance Pin Driver
September 1, 2015
logo
Renesas Technology Corp
EL7156 RENESAS-EL7156 Datasheet
555Kb / 11P
High Performance Pin Driver
EL7158 RENESAS-EL7158 Datasheet
488Kb / 9P
Ultra-High Current Pin Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com