Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7457CUZ Datasheet (PDF) - Intersil Corporation

EL7457CUZ Datasheet PDF - Intersil Corporation
Part # EL7457CUZ
Download  EL7457CUZ Download
File Size   380.95 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40MHz Non-Inverting Quad CMOS Driver

EL7457CUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
EL7457CUZ Datasheet PDF - Intersil Corporation

Part # EL7457CUZ
Download  EL7457CUZ Click to download

File Size   380.95 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 40MHz Non-Inverting Quad CMOS Driver

EL7457CUZ Datasheet (HTML) - Intersil Corporation


EL7457CUZ Product details

The EL7457 is a high speed, non-inverting, quad CMOS
driver. It is capable of running at clock rates up to 40MHz
and features 2A peak drive capability and a nominal
on-resistance of just 3Ω. The EL7457 is ideal for driving
highly capacitive loads, such as storage and vertical clocks
in CCD applications. It is also well suited to ATE pin driving,
level-shifting, and clock-driving applications.
The EL7457 is capable of running from single or dual power
supplies while using ground referenced inputs. Each output
can be switched to either the high (VH) or low (VL) supply
pins, depending on the related input pin. The inputs are
compatible with both 3V and 5V CMOS and TTL logic. The
output enable (OE) pin can be used to put the outputs into a
high-impedance state. This is especially useful in CCD
applications, where the driver should be disabled during
power down.
The EL7457 also features very fast rise and fall times which
are matched to within 1ns. The propagation delay is also
matched between rising and falling edges to within 2ns.
The EL7457 is available in 16-pin QSOP, 16-pin SO
(0.150"), and 16-pin QFN packages. All are specified for
operation over the full -40°C to +85°C temperature range.

Features
• Clocking speeds up to 40MHz
• 4 channels
• 12ns tR/tF at 1000pF CLOAD
• 1ns rise and fall time match
• 1.5ns prop delay match
• Low quiescent current - <1mA
• Fast output enable function - 12ns
• Wide output voltage range
• 8V ≥ VL ≥ -5V
• -2V ≤ VH ≤ 16.5V
• 2A peak drive
• 3Ω on resistance
• Input level shifters
• TTL/CMOS input-compatible
• Pb-free (RoHS compliant)

Applications
• CCD drivers
• Digital cameras
• Pin drivers
• Clock/line drivers
• Ultrasound transducer drivers
• Ultrasonic and RF generators
• Level shifting




Similar Part No. - EL7457CUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7457CUZ INTERSIL-EL7457CUZ Datasheet
638Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
January 3, 2005
logo
Renesas Technology Corp
EL7457CUZ RENESAS-EL7457CUZ Datasheet
597Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
EL7457CUZ RENESAS-EL7457CUZ Datasheet
752Kb / 14P
40MHz Non-Inverting Quad CMOS Driver
Rev.5.00 Jul 17, 2020
logo
Intersil Corporation
EL7457CUZ-T13 INTERSIL-EL7457CUZ-T13 Datasheet
638Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
January 3, 2005
logo
Renesas Technology Corp
EL7457CUZ-T13 RENESAS-EL7457CUZ-T13 Datasheet
597Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
More results


Similar Description - EL7457CUZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C901 NSC-MM54C901 Datasheet
136Kb / 6P
Hex Inverting TTL, Non-Inverting TTL, Inverting CMOS, Non-Inverting CMOS Buffer
logo
Fairchild Semiconductor
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
Hex Non-Inverting Driver
DM74AS1034A FAIRCHILD-DM74AS1034A Datasheet
45Kb / 4P
Hex Non-Inverting Driver
logo
Elantec Semiconductor
EL7457C ELANTEC-EL7457C Datasheet
205Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
logo
Intersil Corporation
CA3252 INTERSIL-CA3252 Datasheet
53Kb / 6P
Quad Gated Non-Inverting Power Driver
March 1998
EL7457 INTERSIL-EL7457 Datasheet
638Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
January 3, 2005
ISL7457SRH INTERSIL-ISL7457SRH Datasheet
388Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
March 16, 2009
ISL7457SRH INTERSIL-ISL7457SRH_11 Datasheet
642Kb / 12P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 16, 2011
logo
Renesas Technology Corp
EL7457 RENESAS-EL7457 Datasheet
597Kb / 12P
40MHz Non-Inverting Quad CMOS Driver
ISL7457SRH RENESAS-ISL7457SRH Datasheet
567Kb / 16P
Radiation Hardened, SEE Hardened, Non-Inverting, Quad CMOS Driver
May 6, 2021
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com