Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8100 Datasheet (PDF) - Intersil Corporation

EL8100 Datasheet PDF - Intersil Corporation
Part # EL8100
Download  EL8100 Download
File Size   561.75 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz Rail-to-Rail Amplifiers

EL8100 Datasheet (PDF)

Go To PDF Page Download Datasheet
EL8100 Datasheet PDF - Intersil Corporation

Part # EL8100
Download  EL8100 Click to download

File Size   561.75 Kbytes
Page   14 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description 200MHz Rail-to-Rail Amplifiers

EL8100 Datasheet (HTML) - Intersil Corporation


EL8100 Product details

The EL8100 and EL8101 represent single rail-to-rail
amplifiers with a -3dB bandwidth of 200MHz and slew rate of
200V/µs. Running off a very low 2mA supply current, the
EL8100 and EL8101 also feature inputs that go to 0.15V
below the VS- rail.
The EL8100 includes a fast-acting disable/power-down
circuit. With a 25ns disable and a 200ns enable, the EL8100
is ideal for multiplexing applications.
The EL8100 and EL8101 are designed for a number of
general purpose video, communication, instrumentation, and
industrial applications. The EL8100 is available in 8 Ld SO
and 6 Ld SOT-23 packages and the EL8101 is available in a
5 Ld SOT-23 package. All are specified for operation over
the -40°C to +85°C temperature range.

Features
• 200MHz -3dB bandwidth
• 200V/µs slew rate
• Low supply current = 2mA
• Supplies from 3V to 5.0V
• Rail-to-rail output
• Input to 0.15V below VS-
• Fast 25ns disable (EL8100 only)
• Low cost
• Pb-Free (RoHS compliant)

Applications
• Video amplifiers
• Portable/hand-held products
• Communications devices




Similar Part No. - EL8100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8100 INTERSIL-EL8100 Datasheet
343Kb / 13P
200MHz Rail-to-Rail Amplifiers
August 10, 2007
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
200MHz Rail-to-Rail Amplifiers
September 14, 2010
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
200MHz Rail-to-Rail Amplifiers
logo
Intersil Corporation
EL8100IS INTERSIL-EL8100IS Datasheet
343Kb / 13P
200MHz Rail-to-Rail Amplifiers
August 10, 2007
EL8100IS-T13 INTERSIL-EL8100IS-T13 Datasheet
343Kb / 13P
200MHz Rail-to-Rail Amplifiers
August 10, 2007
More results


Similar Description - EL8100

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC33201 ONSEMI-MC33201 Datasheet
204Kb / 16P
Rail-to-Rail Operational Amplifiers
March, 2004 ??Rev. 12
logo
Intersil Corporation
EL8200 INTERSIL-EL8200 Datasheet
1Mb / 15P
200MHz Rail-to-Rail Amplifiers
September 1, 2004
EL8300 INTERSIL-EL8300 Datasheet
1Mb / 14P
200MHz Rail-to-Rail Amplifier
May 20, 2005
EL8200 INTERSIL-EL8200_06 Datasheet
726Kb / 15P
200MHz Rail-to-Rail Amplifiers
EL8100 INTERSIL-EL8100_07 Datasheet
343Kb / 13P
200MHz Rail-to-Rail Amplifiers
August 10, 2007
EL8200 INTERSIL-EL8200_07 Datasheet
395Kb / 15P
200MHz Rail-to-Rail Amplifiers
August 29, 2007
EL8100 INTERSIL-EL8100 Datasheet
564Kb / 14P
200MHz Rail-to-Rail Amplifiers
September 14, 2010
logo
Renesas Technology Corp
EL8100 RENESAS-EL8100 Datasheet
748Kb / 14P
200MHz Rail-to-Rail Amplifiers
EL8200 RENESAS-EL8200 Datasheet
830Kb / 16P
200MHz Rail-to-Rail Amplifiers
EL8300 RENESAS-EL8300 Datasheet
1Mb / 14P
200MHz Rail-to-Rail Amplifier
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com