Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6266 Datasheet (PDF) - Intersil Corporation

ISL6266 Datasheet PDF - Intersil Corporation
Part # ISL6266
Download  ISL6266 Download
File Size   802.36 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-phase Core Controllers(Montevina, IMVP-6)

ISL6266 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6266 Datasheet PDF - Intersil Corporation

Part # ISL6266
Download  ISL6266 Click to download

File Size   802.36 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Two-phase Core Controllers(Montevina, IMVP-6)

ISL6266 Datasheet (HTML) - Intersil Corporation


ISL6266 Product details

The ISL6266 and ISL6266A are two-phase buck converter
regulators implementing Intel® IMVP-6 protocol with
embedded gate drivers. Both converters use interleaved
channels to double the output voltage ripple frequency and
thereby reduce output voltage ripple amplitude with fewer
components, lower component cost, reduced power
dissipation, and smaller real estate area.
The ISL6266A utilizes the patented R3 Technology™,
Intersil’s Robust Ripple Regulator modulator. Compared with
traditional multiphase buck regulators, the R3 Technology™
has the fastest transient response. This is due to the R3
modulator commanding variable switching frequency during
load transient events.
Intel Mobile Voltage Positioning (IMVP) is a smart voltage
regulation technology, which effectively reduces power
dissipation in Intel Pentium processors. To boost battery life,
the ISL6266A supports DPRSLRVR (deeper sleep),
DPRSTP# and PSI# functions, which maximizes efficiency
by enabling different modes of operation. In active mode
(heavy load), the regulator commands the two phase
continuous conduction mode (CCM) operation. When PSI#
is asserted in active mode (medium load), the ISL6266A
operates in one-phase CCM. When the CPU enters deeper
sleep mode, the ISL6266A enables diode emulation to
maximize efficiency.
For better system power management, the ISL6266A
provides a CPU power monitor output. The analog output at
the power monitor pin can be fed into an A/D converter to
report instantaneous or average CPU power.
A 7-bit digital-to-analog converter (DAC) allows dynamic
adjustment of the core output voltage from 0.300V to 1.500V.
Over-temperature, the ISL6266A achieves a 0.5% system
accuracy of core output voltage.
A unity-gain differential amplifier is provided for remote CPU
die sensing. This allows the voltage on the CPU die to be
accurately measured and regulated per Intel IMVP-6+
specifications. Current sensing can be realized using either
lossless inductor DCR sensing or discrete resistor sensing.
A single NTC thermistor network thermally compensates the
gain and the time constant of the DCR variations.

Features
• Precision Two/One-phase CORE Voltage Regulator
- 0.5% System Accuracy Over-Temperature
- Enhanced Load Line Accuracy
• Internal Gate Driver with 2A Driving Capability
• Dynamic Phase Adding/Dropping
• Microprocessor Voltage Identification Input
- 7-Bit VID Input
- 0.300V to 1.500V in 12.5mV Steps
- Support VID Change On-the-Fly
• Multiple Current Sensing Schemes Supported
- Lossless Inductor DCR Current Sensing
- Precision Resistive Current Sensing
• CPU Power Monitor
• Thermal Monitor
• User Programmable Switching Frequency
• Differential Remote CPU Die Voltage Sensing
• Static and Dynamic Current Sharing
• Support All Ceramic Output with Coupled Inductor
(ISL6266)
• Overvoltage, Undervoltage and Overcurrent Protection
• Pb-Free (RoHS Compliant)




Similar Part No. - ISL6266

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6266 INTERSIL-ISL6266 Datasheet
802Kb / 31P
Precision Two/One-phase CORE Voltage Regulator
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
Two-phase Core Controllers (Montevina, IMVP-6)
logo
Intersil Corporation
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
Two-phase Core Controllers (Montevina, IMVP-6)
June 14, 2010
ISL6266AHRZ-T INTERSIL-ISL6266AHRZ-T Datasheet
657Kb / 30P
Two-phase Core Controllers (Montevina, IMVP-6)
June 14, 2010
ISL6266AIRZ INTERSIL-ISL6266AIRZ Datasheet
657Kb / 30P
Two-phase Core Controllers (Montevina, IMVP-6)
June 14, 2010
More results


Similar Description - ISL6266

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17021 MAXIM-MAX17021 Datasheet
884Kb / 48P
Dual-Phase, Quick-PWM Controllers for IMVP-6/IMVP-6.5 CPU Core Power Supplies
Rev 2; 7/09
logo
Intersil Corporation
ISL6262A INTERSIL-ISL6262A Datasheet
630Kb / 28P
Two-Phase Core Controller Santa Rosa, IMVP-6
December 23, 2008
ISL6266AHRZ INTERSIL-ISL6266AHRZ Datasheet
657Kb / 30P
Two-phase Core Controllers (Montevina, IMVP-6)
June 14, 2010
ISL6262 INTERSIL-ISL6262 Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262CRZ-T INTERSIL-ISL6262CRZ-T Datasheet
562Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262CRZ INTERSIL-ISL6262CRZ Datasheet
559Kb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
May 15, 2006
ISL6262ACRZ INTERSIL-ISL6262ACRZ Datasheet
631Kb / 28P
Two-Phase Core Controller(Santa Rosa, IMVP-6)
December 23, 2008
logo
Renesas Technology Corp
ISL6266 RENESAS-ISL6266 Datasheet
1Mb / 31P
Two-phase Core Controllers (Montevina, IMVP-6)
ISL6262 RENESAS-ISL6262 Datasheet
1Mb / 27P
Two-Phase Core Regulator for IMVP-6 Mobile CPUs
ISL6262A RENESAS-ISL6262A Datasheet
1Mb / 28P
Two-Phase Core Controller (Santa Rosa, IMVP-6)
December 23, 2008
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com