Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6605CB Datasheet (PDF) - Intersil Corporation

ISL6605CB Datasheet PDF - Intersil Corporation
Part # ISL6605CB
Download  ISL6605CB Download
File Size   266.39 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Rectified MOSFET Driver

ISL6605CB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6605CB Datasheet PDF - Intersil Corporation

Part # ISL6605CB
Download  ISL6605CB Click to download

File Size   266.39 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Synchronous Rectified MOSFET Driver

ISL6605CB Datasheet (HTML) - Intersil Corporation


ISL6605CB Product details

The ISL6605 is a high frequency, MOSFET driver optimized
to drive two N-Channel power MOSFETs in a synchronousrectified buck converter topology. This driver combined with
an Intersil HIP63xx or ISL65xx Multi-Phase Buck PWM
controller forms a complete single-stage core-voltage
regulator solution with high efficiency performance at high
switching frequency for advanced microprocessors.
The IC is biased by a single low voltage supply (5V) and
minimizes low driver switching losses for high MOSFET gate
capacitance and high switching frequency applications.
Each driver is capable of driving a 3000pF load with an 8ns
propagation delay and less than 10ns transition time. This
product implements bootstrapping on the upper gate with an
internal bootstrap Schottky diode, reducing implementation
cost, complexity, and allowing the use of higher
performance, cost effective N-Channel MOSFETs. Adaptive
shoot-through protection is integrated to prevent both
MOSFETs from conducting simultaneously.
The ISL6605 features 4A typical sink current for the lower
gate driver, which is capable of holding the lower MOSFET
gate during the Phase node rising edge to prevent shootthrough power loss caused by the high dv/dt of the Phase
node.
The ISL6605 also features a Three-State PWM input that,
working together with Intersil multi-phase PWM controllers,
will prevent a negative transient on the output voltage when
the output is being shut down. This feature eliminates the
Schottky diode that is usually seen in a microprocessor
power system for protecting the microprocessor from
reversed-output-voltage damage.

Features
• Drives Two N-Channel MOSFETs
• Adaptive Shoot-Through Protection
• 0.4Ω On-Resistance and 4A Sink Current Capability
• Supports High Switching Frequency
- Fast Output Rise and Fall Time
- Ultra Low Propagation Delay 8ns
• Three-State PWM Input for Power Stage Shutdown
• Internal Bootstrap Schottky Diode
• Low Bias Supply Current (5V, 30µA)
• Enable Input
• QFN Package
- Compliant to JEDEC PUB95 MO-220 QFN-Quad Flat
No Leads-Product Outline.
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile.
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Core Voltage Supplies for Intel® and AMD®
Microprocessors
• High Frequency Low Profile DC/DC Converters
• High Current Low Voltage DC/DC Converters
• Synchronous Rectification for Isolated Power Supplies




Similar Part No. - ISL6605CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605CB INTERSIL-ISL6605CB Datasheet
302Kb / 9P
Synchronous Rectified MOSFET Driver
January 4, 2005
ISL6605CB INTERSIL-ISL6605CB Datasheet
272Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
logo
Renesas Technology Corp
ISL6605CB RENESAS-ISL6605CB Datasheet
562Kb / 10P
Synchronous Rectified MOSFET Driver
logo
Intersil Corporation
ISL6605CB-T INTERSIL-ISL6605CB-T Datasheet
302Kb / 9P
Synchronous Rectified MOSFET Driver
January 4, 2005
ISL6605CBZ INTERSIL-ISL6605CBZ Datasheet
302Kb / 9P
Synchronous Rectified MOSFET Driver
January 4, 2005
More results


Similar Description - ISL6605CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6605 INTERSIL-ISL6605 Datasheet
302Kb / 9P
Synchronous Rectified MOSFET Driver
January 4, 2005
ISL6608 INTERSIL-ISL6608 Datasheet
332Kb / 11P
Synchronous Rectified MOSFET Driver
March 2004
ISL6605 INTERSIL-ISL6605_06 Datasheet
272Kb / 9P
Synchronous Rectified MOSFET Driver
May 9, 2006
ISL6609 INTERSIL-ISL6609_06 Datasheet
330Kb / 11P
Synchronous Rectified MOSFET Driver
March 6, 2006
ISL6596 INTERSIL-ISL6596 Datasheet
222Kb / 11P
Synchronous Rectified MOSFET Driver
January 22, 2010
ISL6596CBZ INTERSIL-ISL6596CBZ Datasheet
219Kb / 11P
Synchronous Rectified MOSFET Driver
January 22, 2010
ISL6609CBZ INTERSIL-ISL6609CBZ Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
April 27, 2009
logo
Renesas Technology Corp
ISL6596 RENESAS-ISL6596 Datasheet
689Kb / 13P
Synchronous Rectified MOSFET Driver
ISL6605 RENESAS-ISL6605 Datasheet
562Kb / 10P
Synchronous Rectified MOSFET Driver
ISL6609 RENESAS-ISL6609 Datasheet
1Mb / 12P
Synchronous Rectified MOSFET Driver
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com