Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6612BCBZ Datasheet (PDF) - Intersil Corporation

ISL6612BCBZ Datasheet PDF - Intersil Corporation
Part # ISL6612BCBZ
Download  ISL6612BCBZ Download
File Size   212.85 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP

ISL6612BCBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6612BCBZ Datasheet PDF - Intersil Corporation

Part # ISL6612BCBZ
Download  ISL6612BCBZ Click to download

File Size   212.85 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP

ISL6612BCBZ Datasheet (HTML) - Intersil Corporation


ISL6612BCBZ Product details

The ISL6612B and ISL6613B are high frequency MOSFET
drivers specifically designed to drive upper and lower power
N-Channel MOSFETs in a synchronous rectified buck
converter topology. These drivers combined with HIP63xx or
ISL65xx Multi-Phase Buck PWM controllers and N-Channel
MOSFETs form complete core-voltage regulator solutions for
advanced microprocessors.
The ISL6612B drives the upper gate to above rising VCC
POR (7V), while the lower gate can be independently driven
over a range from 5V to 12V. The ISL6613B drives both
upper and lower gates over a range of 5V to 12V. This drivevoltage provides the flexibility necessary to optimize
applications involving trade-offs between gate charge and
conduction losses. These drivers are optimized for POL
DC/DC Converters for IBA Systems.
An advanced adaptive zero shoot-through protection is
integrated to prevent both the upper and lower MOSFETs
from conducting simultaneously and to minimize the dead
time. These products add an overvoltage protection feature
operational before VCC exceeds its turn-on threshold, at
which the PHASE node is connected to the gate of the low
side MOSFET (LGATE). The output voltage of the converter
is then limited by the threshold of the low side MOSFET,
which provides some protection to the microprocessor if the
upper MOSFET(s) is shorted during initial start-up.
These drivers also feature a three-state PWM input which,
working together with Intersil’s multi-phase PWM controllers,
prevents a negative transient on the output voltage when the
output is shut down. This feature eliminates the Schottky
diode that is used in some systems for protecting the load
from reversed output voltage events.

Features
• Pin-to-pin Compatible with HIP6601 SOIC family
• Dual MOSFET Drives for Synchronous Rectified Bridge
• Low VCC Rising Threshold (7V) for IBA Applications.
• Advanced Adaptive Zero Shoot-Through Protection
- Body Diode Detection
- Auto-zero of rDS(ON) Conduction Offset Effect
• Adjustable Gate Voltage (5V to 12V) for Optimal Efficiency
• 36V Internal Bootstrap Schottky Diode
• Bootstrap Capacitor Overcharging Prevention
• Supports High Switching Frequency (up to 2MHz)
- 3A Sinking Current Capability
- Fast Rise/Fall Times and Low Propagation Delays
• Three-State PWM Input for Output Stage Shutdown
• Three-State PWM Input Hysteresis for Applications With
Power Sequencing Requirement
• Pre-POR Overvoltage Protection
• VCC Undervoltage Protection
• Expandable Bottom Copper Pad for Enhanced Heat
Sinking
• Dual Flat No-Lead (DFN) Package
- Near Chip-Scale Package Footprint; Improves PCB
Efficiency and Thinner in Profile
• Pb-Free (RoHS Compliant)

Applications
• Optimized for POL DC/DC Converters for IBA Systems
• Core Regulators for Intel® and AMD® Microprocessors
• High Current DC/DC Converters
• High Frequency and High Efficiency VRM and VRD




Similar Part No. - ISL6612BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612BCBZ INTERSIL-ISL6612BCBZ Datasheet
350Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
July 27, 2006
ISL6612BCBZ INTERSIL-ISL6612BCBZ Datasheet
306Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
July 27, 2006
logo
Renesas Technology Corp
ISL6612BCBZ RENESAS-ISL6612BCBZ Datasheet
616Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
logo
Intersil Corporation
ISL6612BCBZ-T INTERSIL-ISL6612BCBZ-T Datasheet
350Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
July 27, 2006
ISL6612BCBZ-T INTERSIL-ISL6612BCBZ-T Datasheet
306Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
July 27, 2006
More results


Similar Description - ISL6612BCBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6612A INTERSIL-ISL6612A Datasheet
325Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
July 25, 2005
ISL6612B INTERSIL-ISL6612B Datasheet
350Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
July 27, 2006
ISL6612A INTERSIL-ISL6612A_06 Datasheet
266Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
July 27, 2006
ISL6612B INTERSIL-ISL6612B Datasheet
306Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
July 27, 2006
ISL6614B INTERSIL-ISL6614B_06 Datasheet
335Kb / 11P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
January 3, 2006
ISL6614A INTERSIL-ISL6614A Datasheet
278Kb / 12P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 5, 2008
ISL6612ACBZ INTERSIL-ISL6612ACBZ Datasheet
305Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
May 1, 2012
logo
Renesas Technology Corp
ISL6612A RENESAS-ISL6612A Datasheet
600Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6612B RENESAS-ISL6612B Datasheet
616Kb / 12P
Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
ISL6614A RENESAS-ISL6614A Datasheet
602Kb / 12P
Dual Advanced Synchronous Rectified Buck MOSFET Drivers with Pre-POR OVP
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com