Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6617 Datasheet (PDF) - Intersil Corporation

ISL6617 Datasheet PDF - Intersil Corporation
Part # ISL6617
Download  ISL6617 Download
File Size   633.43 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PWM Doubler with Phase Shedding Function and Output Monitoring Feature

ISL6617 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6617 Datasheet PDF - Intersil Corporation

Part # ISL6617
Download  ISL6617 Click to download

File Size   633.43 Kbytes
Page   15 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description PWM Doubler with Phase Shedding Function and Output Monitoring Feature

ISL6617 Datasheet (HTML) - Intersil Corporation


ISL6617 Product details

The ISL6617 utilizes Intersil’s proprietary Phase Doubler
scheme to modulate two-phase power trains with single
PWM input. It doubles the number of phases that
Intersil’s multi-phase controllers ISL63xx can support.
When the enable pin (EN_PH_SYNC) is pulled low, the
PWM input is pulled high. This simplifies the phase
shedding implementation for some Intersil controllers
(VR10, VR11, VR11.1, and VR12 family) that can disable
the respective and higher phase(s) by pulling the
respective PWM line high.
The ISL6617 is designed to minimize the number of
analog signals that interface between the controller and
drivers in high phase count scalable applications. The
common COMP signal, which is usually seen in
conventional cascaded configuration, is not required; this
improves noise immunity and simplifies the layout.
Furthermore, the ISL6617 provides low part count and
low cost advantage over the conventional cascaded
technique.
By cascading the ISL6617 with another ISL6617 or
ISL6611A, it can quadruple the number of phases that
Intersil’s multi-phase controllers ISL63xx can support.
The ISL6617 also features Tri-State input and outputs
that recognize a high-impedance state, working together
with Intersil multiphase PWM controllers and driver
stages to prevent negative transients on the controlled
output voltage when operation is suspended. This feature
eliminates the need for the schottky diode that may be
utilized in a power system to protect the load from
excessive negative output voltage damage.

Features
• Proprietary Phase Doubler scheme with Phase
Shedding Function (Patent Pending)
• Enhanced Light to Full Load Efficiency
• Double or Quadruple Phase Count
• Patented Current Balancing with DCR Current
Sensing and Adjustable Gain
• Current Monitoring Output (IOUT) to Simplify
System Interface and Layout
• Triple-Level Enable Input for Mode Selection
• Dual PWM Output Drives for Two Synchronous
Rectified Bridges with Single PWM Input
• Channel Synchronization and Two Interleaving Options
• Tri-State PWM Input and Outputs for Output Stage
Shutdown
• Phase Enable Input and PWM Forced High Output to
Interface with Intersil’s Controller for Phase Shedding
• Overvoltage Protection
• Dual Flat No-Lead (DFN) Package
- Near Chip-Scale Package Footprint; Improves PCB
Utilization, Thinner Profile
- Pb-Free (RoHS Compliant)

Applications
• High Current Low Voltage DC/DC Converters
• High Frequency and High Efficiency VRM and VRD
• High Phase Count and Phase Shedding Applications
• 5V PWM Input Integrated Power Stage or DrMOS




Similar Part No. - ISL6617

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6617 INTERSIL-ISL6617 Datasheet
1Mb / 44P
Dual 6-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
January 3, 2011
ISL6617 INTERSIL-ISL6617 Datasheet
1Mb / 44P
Dual 4-Phase 1-Phase PWM Controller for VR12/IMVP7 Applications
December 22, 2010
logo
Renesas Technology Corp
ISL6617 RENESAS-ISL6617 Datasheet
825Kb / 15P
PWM Doubler with Phase Shedding Function and Output Monitoring Feature
ISL6617A RENESAS-ISL6617A Datasheet
848Kb / 16P
PWM Doubler with Output Monitoring Feature
logo
Intersil Corporation
ISL6617A INTERSIL-ISL6617A Datasheet
490Kb / 15P
PWM Doubler with Output Monitoring Feature
December 19, 2014
More results


Similar Description - ISL6617

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
SH7211 RENESAS-SH7211_09 Datasheet
624Kb / 26P
MTU2 Three-Phase Complementary PWM Output Function
logo
Intersil Corporation
ISL6611A INTERSIL-ISL6611A_13 Datasheet
230Kb / 14P
Phase Doubler with Integrated Drivers and Phase Shedding Function
August 28, 2012
ISL6611ACRZ INTERSIL-ISL6611ACRZ Datasheet
227Kb / 14P
Phase Doubler with Integrated Drivers and Phase Shedding Function
August 28, 2012
ISL6617AFRZ INTERSIL-ISL6617AFRZ Datasheet
490Kb / 15P
PWM Doubler with Output Monitoring Feature
December 19, 2014
logo
Renesas Technology Corp
ISL6611A RENESAS-ISL6611A Datasheet
672Kb / 14P
Phase Doubler with Integrated Drivers and Phase Shedding Function
ISL6617 RENESAS-ISL6617 Datasheet
825Kb / 15P
PWM Doubler with Phase Shedding Function and Output Monitoring Feature
ISL6617A RENESAS-ISL6617A Datasheet
848Kb / 16P
PWM Doubler with Output Monitoring Feature
ISL6334D RENESAS-ISL6334D Datasheet
1Mb / 28P
VR11.1, 4-Phase PWM Controller with Phase Dropping, Droop Disabled and LoadCurrent Monitoring Features
ISL6336B RENESAS-ISL6336B Datasheet
1Mb / 32P
6-Phase PWM Controller with Light Load Efficiency Enhancement and Current Monitoring
logo
Microchip Technology
MIC2133 MICROCHIP-MIC2133 Datasheet
2Mb / 50P
75V Dual Phase, Advanced COT Buck Controller with Selectable Droop Feature and Phase Shedding
Revision B / July 2022
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com