Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6721AB Datasheet (PDF) - Intersil Corporation

ISL6721AB Datasheet PDF - Intersil Corporation
Part # ISL6721AB
Download  ISL6721AB Download
File Size   383.83 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Flexible Single-ended Current Mode PWM Controller

ISL6721AB Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6721AB Datasheet PDF - Intersil Corporation

Part # ISL6721AB
Download  ISL6721AB Click to download

File Size   383.83 Kbytes
Page   22 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Flexible Single-ended Current Mode PWM Controller

ISL6721AB Datasheet (HTML) - Intersil Corporation


ISL6721AB Product details

The ISL6721 is a low power, single-ended pulse width
modulating (PWM) current mode controller designed for a
wide range of DC/DC conversion applications including
boost, flyback, and isolated output configurations. Peak
current mode control effectively handles power transients
and provides inherent overcurrent protection. Other features
include a low power mode where the supply current drops to
less than 200µA during overvoltage and overcurrent
shutdown faults.
This advanced BiCMOS design features low operating
current, adjustable operating frequency up to 1MHz,
adjustable soft-start, and a bi-directional SYNC signal that
allows the oscillator to be locked to an external clock for
noise sensitive applications.

Features
• 1A MOSFET Gate Driver
• 100µA Startup Current
• Fast Transient Response with Peak Current Mode Control
• Adjustable Switching Frequency up to 1MHz
• Bi-directional Synchronization
• Low Power Disable Mode
• Delayed Restart from OV and OC Shutdown Faults
• Adjustable Slope Compensation
• Adjustable Soft-start
• Adjustable Overcurrent Shutdown Delay
• Adjustable UV and OV Monitors
• Leading Edge Blanking
• Integrated Thermal Shutdown
• 1% Tolerance Voltage Reference
• Pb-Free Available (RoHS Compliant)

Applications
• Telecom and Datacom Power
• Wireless Base Station Power
• File Server Power
• Industrial Power Systems
• Isolated Buck and Flyback Regulators
• Boost Regulators




Similar Part No. - ISL6721AB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721AB INTERSIL-ISL6721AB Datasheet
425Kb / 21P
Flexible Single Ended Current Mode PWM Controller
April 13, 2007
ISL6721AB INTERSIL-ISL6721AB Datasheet
393Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AB INTERSIL-ISL6721AB Datasheet
386Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
425Kb / 21P
Flexible Single Ended Current Mode PWM Controller
April 13, 2007
ISL6721ABZ INTERSIL-ISL6721ABZ Datasheet
393Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
More results


Similar Description - ISL6721AB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6721 INTERSIL-ISL6721_07 Datasheet
425Kb / 21P
Flexible Single Ended Current Mode PWM Controller
April 13, 2007
ISL6722A INTERSIL-ISL6722A Datasheet
647Kb / 24P
Flexible Single Ended Current Mode PWM
July 11, 2007
ISL6721 INTERSIL-ISL6721 Datasheet
393Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721A INTERSIL-ISL6721A Datasheet
673Kb / 24P
Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6721ABZ-T INTERSIL-ISL6721ABZ-T Datasheet
386Kb / 22P
Flexible Single-ended Current Mode PWM Controller
March 5, 2008
ISL6721AARZ INTERSIL-ISL6721AARZ Datasheet
673Kb / 24P
Flexible Single-ended Current Mode PWM Controller
August 23, 2011
ISL6722AABZ INTERSIL-ISL6722AABZ Datasheet
613Kb / 26P
Flexible Single Ended Current Mode PWM Controllers
September 29, 2015
logo
Renesas Technology Corp
ISL6721 RENESAS-ISL6721 Datasheet
1,014Kb / 23P
Flexible Single-Ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A Datasheet
959Kb / 24P
Flexible Single-ended Current Mode PWM Controller
ISL6721A RENESAS-ISL6721A_V01 Datasheet
1Mb / 36P
Flexible Single-Ended Current Mode PWM Controller
Jul 24, 2018
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com