Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6726 Datasheet (PDF) - Intersil Corporation

ISL6726 Datasheet PDF - Intersil Corporation
Part # ISL6726
Download  ISL6726 Download
File Size   897.26 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Active Clamp Forward PWM Controller

ISL6726 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL6726 Datasheet PDF - Intersil Corporation

Part # ISL6726
Download  ISL6726 Click to download

File Size   897.26 Kbytes
Page   20 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Active Clamp Forward PWM Controller

ISL6726 Datasheet (HTML) - Intersil Corporation


ISL6726 Product details

The ISL6726 is a highly featured single-ended PWM controller
intended for applications using the active clamp forward
converter topology in either n- or p-channel active clamp
configurations, the asymmetric half-bridge topology, and the
standard forward topologies with synchronous rectification. It is a
current-mode PWM controller with many features designed to
simplify its use. Among its many features are a precision
oscillator which allows accurate control of the deadtime and
maximum duty cycle, bi-directional synchronization with 180°
phase shift for interleaving applications, adjustable soft-start and
soft-stop, a low power disable mode, and average current limit
for “brick-wall” overcurrent protection.
This advanced BiCMOS design features low start-up and
operating currents, adjustable switching frequency to greater
than 1MHz, high current FET drivers, and very low propagation
delays for a fast response to overcurrent faults.

Features
• Precision Maximum Duty Cycle and Deadtime Control
• 125µA Typical Start-up Current
• Adjustable Peak and Average Current Limit Protection
• Programmable Oscillator Frequency
• Bi-Directional Synchronization with 180° Phase Shift for
Interleaved Converter Applications
• Adjustable Soft-Start and Selectable Soft-Stop
• Selectable Minimum Duty Cycle Clamp for Synchronous
Rectifier Applications
• Programmable Slope Compensation
• Supports N- and P-Channel Active Clamp FETs
• Programmable Switch Timing Between Main and Active Clamp
Outputs
• Programmable Undervoltage Lock-Out (UV)
• Input Voltage Dependent Duty Cycle Clamp
• ENABLE Input with Low Power Disable
• Internal Over-Temperature Protection
• Pb-Free (RoHS Compliant)

Applications
• Telecom and Datacom Power Supplies
• AC/DC Power Supplies
• Battery Chargers




Similar Part No. - ISL6726

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
Active Clamp Forward PWM Controller
logo
Intersil Corporation
ISL6726AAZ INTERSIL-ISL6726AAZ Datasheet
900Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
Renesas Technology Corp
ISL6726AAZ RENESAS-ISL6726AAZ Datasheet
1Mb / 21P
Active Clamp Forward PWM Controller
More results


Similar Description - ISL6726

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2891 TI-UCC2891 Datasheet
577Kb / 34P
CURRENT MODE ACTIVE CLAMP PWM CONTROLLER
logo
National Semiconductor ...
LM5026 NSC-LM5026 Datasheet
936Kb / 23P
Active Clamp Current Mode PWM Controller
logo
Supertex, Inc
HV9608 SUTEX-HV9608 Datasheet
181Kb / 6P
Active Clamp Current-Mode PWM Controller
logo
Intersil Corporation
ISL6726 INTERSIL-ISL6726 Datasheet
900Kb / 20P
Active Clamp Forward PWM Controller
January 31, 2011
logo
Texas Instruments
UCC2891DRG4 TI1-UCC2891DRG4 Datasheet
1Mb / 41P
CURRENT-MODE ACTIVE CLAMP PWM CONTROLLER
LM5026 TI1-LM5026_14 Datasheet
1Mb / 31P
Active Clamp Current Mode PWM Controller
logo
Linear Technology
LT3753 LINER-LT3753_15 Datasheet
437Kb / 36P
Active Clamp Synchronous Forward Controller
logo
Texas Instruments
LM5025A TI-LM5025A_15 Datasheet
1Mb / 23P
Active Clamp Voltage Mode PWM Controller
LM5025 TI1-LM5025_16 Datasheet
1Mb / 32P
Active Clamp Voltage Mode PWM Controller
logo
Renesas Technology Corp
ISL6726 RENESAS-ISL6726 Datasheet
1Mb / 21P
Active Clamp Forward PWM Controller
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com