Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL8270M Datasheet (PDF) - Intersil Corporation

ISL8270M Datasheet PDF - Intersil Corporation
Part # ISL8270M
Download  ISL8270M Download
File Size   1217.01 Kbytes
Page   51 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital DC/DC PMBus 25A Module

ISL8270M Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL8270M Datasheet PDF - Intersil Corporation

Part # ISL8270M
Download  ISL8270M Click to download

File Size   1217.01 Kbytes
Page   51 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Digital DC/DC PMBus 25A Module

ISL8270M Datasheet (HTML) - Intersil Corporation


ISL8270M Product details

The ISL8270M is a 25A step-down DC/DC power supply module
with integrated digital PWM controller, synchronous power
switches, an inductor and passives. Only bulk input and output
capacitors are needed to finish the design. The 25A of
continuous output current can be delivered without a need of
airflow or a heatsink. The thermally enhanced HDA module is
capable of dissipating heat directly into the PCB.
The ISL8270M uses ChargeMode™ control architecture, which
responds to a transient load within a single switching cycle.
The ISL8270M comes with a preprogrammed configuration for
operating in a pin strap mode; output voltage, switching
frequency and device SMBus address can be programmed
with external resistors. More configuration such as soft-start
and fault limits can be easily programmed or changed via
PMBus compliant serial bus interface. PMBus can be used to
monitor voltages, current, temperatures and fault status. The
ISL8270M is supported by PowerNavigator™ software, a
graphical user interface (GUI) that can be used to configure
modules to a desired solution.
The ISL8270M is available in a 40-pin compact 17mmx19mm
HDA module with very low profile height of3.55mm, suitable
for automated assembly by standard surface mount
equipment. The ISL8270M is RoHS compliant by exemption.

Features
• Complete digital switch mode power supply
- Wide VIN range: 4.5V to 14V
- Programmable VOUT range: 0.6V to 5V
• PMBus compliant I2C communication interface
- Programmable VOUT, margining, UV/OV, IOUT limit,
soft-start/stop, sequencing, and external synchronization
- Monitor: VIN, VOUT, IOUT, temperature, duty cycle,
switching frequency and faults
• ChargeMode control architecture
• ±1.0% VOUT accuracy over line, load and temperature
• Power-Good indicator
• Over-temperature protection
• Internal nonvolatile memory and fault logging
• Patented thermally enhanced HDA package

Applications
• Server, telecom, storage, and datacom
• Industrial/ATE, and networking equipment
• General purpose power for ASIC, FPGA, DSP and memory




Similar Part No. - ISL8270M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
Digital DC/DC PMBus 25A Module
ISL8270MAIRZ RENESAS-ISL8270MAIRZ Datasheet
2Mb / 56P
Digital DC/DC PMBus 25A Module
ISL8270MBIRZ RENESAS-ISL8270MBIRZ Datasheet
2Mb / 56P
Digital DC/DC PMBus 25A Module
ISL8270MEVAL1Z RENESAS-ISL8270MEVAL1Z Datasheet
2Mb / 56P
Digital DC/DC PMBus 25A Module
More results


Similar Description - ISL8270M

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
Digital DC/DC PMBus 12A Module
January 26, 2011
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
Digital DC/DC PMBus 12A Module
April 8, 2011
ISL28288 INTERSIL-ISL28288_11 Datasheet
995Kb / 17P
Digital DC/DC PMBus 12A Module
July 26, 2011
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
Digital DC/DC PMBus 33A Module
December 18, 2014
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
1Mb / 67P
Digital DC/DC PMBus 12A Module
February 12, 2015
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
Digital DC/DC PMBus 17A Module
December 16, 2014
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
Digital DC/DC PMBus 33A Module
ISL8277M RENESAS-ISL8277M Datasheet
2Mb / 57P
Digital DC/DC PMBus 25A Module
ZL9024M RENESAS-ZL9024M Datasheet
2Mb / 73P
Digital DC/DC PMBus 33A Module
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com