Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8M Datasheet (PDF) - Micro Commercial Components

S8M Datasheet PDF - Micro Commercial Components
Part # S8M
Download  S8M Download
File Size   78.31 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 8 Amp Silicon Rectifier 50 to 1000 Volts

S8M Datasheet (PDF)

Go To PDF Page Download Datasheet
S8M Datasheet PDF - Micro Commercial Components

Part # S8M
Download  S8M Click to download

File Size   78.31 Kbytes
Page   2 Pages
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components
Description 8 Amp Silicon Rectifier 50 to 1000 Volts

S8M Datasheet (HTML) - Micro Commercial Components


S8M Product details

Features

• Low Thermal Resistance

• High Current Capability

• High Temp Soldering: 260°C for 10 Seconds At Terminals

• Case Material: Molded Plastic. UL Flammability

  Classification Rating 94V-0 and MSL rating 1

• Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)



 




Similar Part No. - S8M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
S8M SEMTECH-S8M Datasheet
143Kb / 3P
RECTIFIER, up to 1kV, 2A, 2關s
logo
Micro Commercial Compon...
S8M MCC-S8M Datasheet
180Kb / 4P
8 Amp Silicon Rectifier 50 to 1000 Volts
logo
Formosa MS
S8M FORMOSA-S8M Datasheet
119Kb / 2P
SURFACE MOUNT GENERAL RECTIFIER
logo
New Jersey Semi-Conduct...
S8M NJSEMI-S8M Datasheet
103Kb / 2P
QUICK REFERENCE AXIALiEADED HERMETICALLY SEALED STANDARD RECOVERY RECTIFIER DIODE
logo
DONGGUAN YOU FENG WEI E...
S8M YFWDIODE-S8M Datasheet
468Kb / 3P
Surface Mount General Purpose Silicon Rectifiers
More results


Similar Description - S8M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S5A MCC-S5A Datasheet
345Kb / 3P
5 Amp Silicon Rectifier 50 to 1000 Volts
GS1A MCC-GS1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
GS1A-TPS05 MCC-GS1A-TPS05 Datasheet
287Kb / 4P
1.0 Amp Silicon Rectifier 50 to 1000 Volts
S1A MCC-S1A_11 Datasheet
237Kb / 4P
1 Amp Silicon Rectifier 50 to 1000 Volts
S2A MCC-S2A_11 Datasheet
243Kb / 4P
2 Amp Silicon Rectifier 50 to 1000 Volts
S6A MCC-S6A_08 Datasheet
191Kb / 5P
6 Amp Silicon Rectifier 50 to 1000 Volts
S8A MCC-S8A_08 Datasheet
180Kb / 4P
8 Amp Silicon Rectifier 50 to 1000 Volts
S3M-TP MCC-S3M-TP Datasheet
530Kb / 4P
3 Amp Silicon Rectifier 50 to 1000 Volts
logo
DONGGUAN YOU FENG WEI E...
RL201 YFWDIODE-RL201 Datasheet
100Kb / 3P
2 Amp Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
S10A MCC-S10A_13 Datasheet
230Kb / 4P
10 Amp Silicon Rectifier 50 to 1000 Volts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com