Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9005A Datasheet (PDF) - Intersil Corporation

ISL9005A Datasheet PDF - Intersil Corporation
Part # ISL9005A
Download  ISL9005A Download
File Size   246.99 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description LDO with Low ISUPPLY, High PSRR

ISL9005A Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9005A Datasheet PDF - Intersil Corporation

Part # ISL9005A
Download  ISL9005A Click to download

File Size   246.99 Kbytes
Page   9 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description LDO with Low ISUPPLY, High PSRR

ISL9005A Datasheet (HTML) - Intersil Corporation


ISL9005A Product details

ISL9005A is a high performance Low Dropout linear
regulator capable of sourcing 300mA current. It has a low
standby current and high-PSRR and is stable with output
capacitance of 1µF to 10µF with ESR of up to 200mΩ.
The ISL9005A has a high PSRR of 75dB and an output
noise of less than 45µVRMS. When coupled with a no load
quiescent current of 50µA, (typical) and 0.1µA shutdown
current, the ISL9005A is an ideal choice for portable wireless
equipment.
Several different fixed voltage outputs are standard. Output
voltage options for each LDO range are from 1.5V to 3.3V.
Other output voltage options may be available upon request.

Features
• 300mA high performance LDO
• Excellent transient response to large current steps
• Excellent load regulation: <0.1% voltage change across
full range of load current
• High PSRR: 75dB @ 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Very low quiescent current: 50µA
• Low dropout voltage: typically 200mV @ 300mA
• Low output noise: typically 45µVRMS @ 100µA (1.5V)
• Stable with 1µF to 10µF ceramic capacitors
• Soft-start to limit input current surge during enable
• Current limit and overheat protection
• ±1.8% accuracy over all operating conditions
• Tiny 2mmx3mm 8 Ld DFN package
• -40°C to +85°C operating temperature range
• Pb-free (RoHS compliant)

Applications
• PDAs, cell phones and smart phones
• Portable instruments, MP3 players
• Handheld devices, including medical handhelds




Similar Part No. - ISL9005A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9005A INTERSIL-ISL9005A Datasheet
249Kb / 9P
LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005A INTERSIL-ISL9005A Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL9005A RENESAS-ISL9005A Datasheet
571Kb / 10P
LDO with Low ISUPPLY, High PSRR
logo
Intersil Corporation
ISL9005AIRBZ-T INTERSIL-ISL9005AIRBZ-T Datasheet
249Kb / 9P
LDO with Low ISUPPLY, High PSRR
March 27, 2008
logo
Renesas Technology Corp
ISL9005AIRBZ-T RENESAS-ISL9005AIRBZ-T Datasheet
571Kb / 10P
LDO with Low ISUPPLY, High PSRR
More results


Similar Description - ISL9005A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9001 INTERSIL-ISL9001 Datasheet
270Kb / 11P
LDO with Low ISUPPLY, High PSRR
March 28, 2008
ISL9001A INTERSIL-ISL9001A Datasheet
259Kb / 11P
LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005A INTERSIL-ISL9005A Datasheet
249Kb / 9P
LDO with Low ISUPPLY, High PSRR
March 27, 2008
ISL9005 INTERSIL-ISL9005 Datasheet
248Kb / 9P
LDO with Low ISUPPLY, High PSRR
ISL9001AIRBZ-T INTERSIL-ISL9001AIRBZ-T Datasheet
256Kb / 11P
LDO with Low ISUPPLY, High PSRR
March 27, 2008
logo
Renesas Technology Corp
ISL9001 RENESAS-ISL9001 Datasheet
600Kb / 11P
LDO with Low ISUPPLY, High PSRR
ISL9001A RENESAS-ISL9001A Datasheet
624Kb / 12P
LDO with Low ISUPPLY, High PSRR
ISL9005 RENESAS-ISL9005 Datasheet
546Kb / 9P
LDO with Low ISUPPLY, High PSRR
ISL9005A RENESAS-ISL9005A Datasheet
571Kb / 10P
LDO with Low ISUPPLY, High PSRR
ISL9008A RENESAS-ISL9008A Datasheet
575Kb / 12P
Low Noise LDO with Low IQ, High PSRR
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com