Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9204 Datasheet (PDF) - Intersil Corporation

ISL9204 Datasheet PDF - Intersil Corporation
Part # ISL9204
Download  ISL9204 Download
File Size   268.25 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Input Voltage Charger

ISL9204 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9204 Datasheet PDF - Intersil Corporation

Part # ISL9204
Download  ISL9204 Click to download

File Size   268.25 Kbytes
Page   10 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Input Voltage Charger

ISL9204 Datasheet (HTML) - Intersil Corporation


ISL9204 Product details

The ISL9204 is a cost-effective, fully integrated high input
voltage single-cell Li-ion battery charger. This charger
performs the CC/CV charge function required by Li-ion
batteries. The charger accepts an input voltage up to 28V
but is disabled when the input voltage exceeds the OVP
threshold, minimum 10V, to prevent excessive power
dissipation. The 28V rating eliminates the overvoltage
protection circuit required in a low input voltage charger.
The charge current and the end-of-charge (EOC) current are
programmable with external resistors. When the battery
voltage is lower than a typical value of 2.8V, the charger
preconditions the battery with typically 17% of the
programmed charge current. When the charge current
reduces to the programmable EOC current level during the
CV charge phase, an EOC indication is provided by the CHG
pin, which is an open-drain output. An internal thermal
foldback function protects the charger from any thermal
failure.
Two indication pins (PPR and CHG) allow simple interface to
a microprocessor or LEDs. When no adapter is attached or
when disabled, the charger draws less than 1µA leakage
current from the battery.

Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Integrated Pass Element and Current Sensor
• No External Blocking Diode Required
• Low Component Count and Cost
• 1% Voltage Accuracy
• Programmable Charge Current
• Programmable End-of-Charge Current
• Charge Current Thermal Foldback for Thermal
Protection
• Trickle Charge for Fully Discharged Batteries
• 28V Maximum Voltage for the Power Input
• Power Presence and Charge Indications
• Less than 1µA Leakage Current Off the Battery when No
Input Power Attached or Charger Disabled
• Ambient Temperature Range: -40°C to 85°C
• 2x3 DFN 8 Ld Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)

Applications
• Mobile Phones
• Blue-Tooth Devices
• PDAs
• MP3 Players
• Stand-alone Chargers
• Other Handheld Devices




Similar Part No. - ISL9204

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9204 INTERSIL-ISL9204 Datasheet
261Kb / 10P
High Input Voltage Charger
October 4, 2005
logo
Renesas Technology Corp
ISL9204 RENESAS-ISL9204 Datasheet
498Kb / 10P
High Input Voltage Charger
logo
Intersil Corporation
ISL9204IRZ-T INTERSIL-ISL9204IRZ-T Datasheet
261Kb / 10P
High Input Voltage Charger
October 4, 2005
logo
Renesas Technology Corp
ISL9204IRZ-T RENESAS-ISL9204IRZ-T Datasheet
498Kb / 10P
High Input Voltage Charger
More results


Similar Description - ISL9204

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6294 INTERSIL-ISL6294 Datasheet
222Kb / 8P
High Input Voltage Charger
October 4, 2005
ISL9204 INTERSIL-ISL9204 Datasheet
261Kb / 10P
High Input Voltage Charger
October 4, 2005
ISL9222 INTERSIL-ISL9222 Datasheet
121Kb / 8P
High Input Voltage Charger
March 10, 2008
ISL6294 INTERSIL-ISL6294_07 Datasheet
178Kb / 9P
High Input Voltage Charger
July 9, 2007
ISL6294A INTERSIL-ISL6294A Datasheet
147Kb / 8P
High Input Voltage Charger
logo
SG Micro Corp
SGM4056 SGMICRO-SGM4056 Datasheet
413Kb / 19P
High Input Voltage Charger
logo
Intersil Corporation
ISL6294IRZ-T INTERSIL-ISL6294IRZ-T Datasheet
181Kb / 9P
High Input Voltage Charger
July 9, 2007
logo
Renesas Technology Corp
ISL6294A RENESAS-ISL6294A Datasheet
432Kb / 8P
High Input Voltage Charger
ISL9204 RENESAS-ISL9204 Datasheet
498Kb / 10P
High Input Voltage Charger
ISL9222A RENESAS-ISL9222A Datasheet
422Kb / 8P
High Input Voltage Charger
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com