Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9301IRZ Datasheet (PDF) - Intersil Corporation

ISL9301IRZ Datasheet PDF - Intersil Corporation
Part # ISL9301IRZ
Download  ISL9301IRZ Download
File Size   386.08 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Input Voltage Charger With Power Path Management

ISL9301IRZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9301IRZ Datasheet PDF - Intersil Corporation

Part # ISL9301IRZ
Download  ISL9301IRZ Click to download

File Size   386.08 Kbytes
Page   12 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description High Input Voltage Charger With Power Path Management

ISL9301IRZ Datasheet (HTML) - Intersil Corporation


ISL9301IRZ Product details

The ISL9301 is a fully integrated high input voltage
single-cell Li-ion battery charger with power path
management function. This charger performs the CC/CV
charge function required by Li-ion batteries. The charger
accepts an input voltage up to 28V but is disabled when the
input voltage exceeds 10.5V OVP threshold. The 28V rating
eliminates the overvoltage protection circuit required in a
low-voltage charger. The charge current and the
end-of-charge (EOC) current are programmable with
external resistors. When the battery voltage is lower than
2.8V, the charger preconditions the battery with 16% of the
programmed charge current. When the charge current
reduces to the programmable EOC current level during the
CV charge phase, the EOC indicator (CHG) will toggle to
logic HIGH to indicate the end-of-charge condition. The
charger will continue to charge until the user programmed
timeout interval has elapsed, then the charger is terminated.
The ISL9301 uses separate power paths to supply the
system load and charge the battery. This feature allows the
system to immediately operate with a completely discharged
battery. This feature also allows the charge to terminate
when the battery is full while continuing to supply the system
with the input source, thus minimizing unnecessary
charge/discharge cycles and improving the battery life.
Two indication pins (PPR and CHG) allow simple interface to
a microprocessor or LEDs.

Features
• Complete Charger for Single-Cell Li-ion/Polymer Batteries
• Power Path Management Optimize Charge and System
Currents
• Intelligent Timeout Interval Based on Actual Charge
Current
• Integrated Disconnect Switch to Disconnect the Battery
• 1% Charger Output Voltage Accuracy
• Programmable Charge Current
• Programmable End-of-Charge Current
• Charge Current Thermal Foldback for Thermal Protection
• Trickle Charge for Fully Discharged Batteries
• 28V Maximum Voltage at VIN pin
• Power Presence and Charge Indications
• Ambient Temperature Range: -40°C to +85°C
• 10 Ld 3x3 DFN Package
• Pb-Free (RoHS Compliant)

Applications
• Mobile Phones
• Blue-Tooth Devices
• PDAs
• MP3 Players
• Stand-Alone Chargers
• Other Handheld Devices




Similar Part No. - ISL9301IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9301IRZ INTERSIL-ISL9301IRZ Datasheet
195Kb / 12P
High Input Voltage Charger With Power Path Management
February 25, 2008
logo
Renesas Technology Corp
ISL9301IRZ RENESAS-ISL9301IRZ Datasheet
571Kb / 12P
High Input Voltage Charger With Power Path Management
logo
Intersil Corporation
ISL9301IRZ-T INTERSIL-ISL9301IRZ-T Datasheet
195Kb / 12P
High Input Voltage Charger With Power Path Management
February 25, 2008
logo
Renesas Technology Corp
ISL9301IRZ-T RENESAS-ISL9301IRZ-T Datasheet
571Kb / 12P
High Input Voltage Charger With Power Path Management
More results


Similar Description - ISL9301IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9301 INTERSIL-ISL9301 Datasheet
195Kb / 12P
High Input Voltage Charger With Power Path Management
February 25, 2008
ISL9230 INTERSIL-ISL9230 Datasheet
899Kb / 20P
High Power Li-Ion Charger W/I-Path Management
logo
Texas Instruments
TWL6032 TI1-TWL6032 Datasheet
533Kb / 11P
Fully Integrated Power Management with Power Path and Battery Charger
logo
Monolithic Power System...
MP2607 MPS-MP2607 Datasheet
337Kb / 15P
Li, LINEAR Charger WithSystem Power Path Management
logo
ACE Technology Co., LTD...
ACE4102E ACE-ACE4102E Datasheet
632Kb / 9P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
VER 1.1
logo
Texas Instruments
TPS80032 TI1-TPS80032 Datasheet
2Mb / 127P
Fully Integrated Power Management With Power Path and Battery Charger
logo
Renesas Technology Corp
ISL9230 RENESAS-ISL9230 Datasheet
1Mb / 20P
High Power Li-Ion Charger W/I-Path Management
ISL9301 RENESAS-ISL9301 Datasheet
571Kb / 12P
High Input Voltage Charger With Power Path Management
logo
ETA SOLUTIONS CO. LIMIT...
ETA6003 ETA-ETA6003 Datasheet
187Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
ETA1918S ETA-ETA1918S Datasheet
185Kb / 1P
2.5A, 3MHz Switching Charger with Dynamic Power Path Management
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com