Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9012IRCJZ Datasheet (PDF) - Intersil Corporation

ISL9012IRCJZ Datasheet PDF - Intersil Corporation
Part # ISL9012IRCJZ
Download  ISL9012IRCJZ Download
File Size   235.05 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual LDO with Low Noise, Low IQ, and High PSRR

ISL9012IRCJZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL9012IRCJZ Datasheet PDF - Intersil Corporation

Part # ISL9012IRCJZ
Download  ISL9012IRCJZ Click to download

File Size   235.05 Kbytes
Page   11 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Dual LDO with Low Noise, Low IQ, and High PSRR

ISL9012IRCJZ Datasheet (HTML) - Intersil Corporation


ISL9012IRCJZ Product details

ISL9012 is a high performance dual LDO capable of
sourcing 150mA current from Channel 1, and 300mA from
Channel 2. The device has a low standby current and
high-PSRR and is stable with output capacitance of 1µF to
10µF with ESR of up to 200mΩ.
The device integrates a Power-On-Reset (POR) function for
the VO2 output. The POR delay for VO2 can be externally
programmed by connecting a timing capacitor to the CPOR
pin. A reference bypass pin is also provided for connecting a
noise-filtering capacitor for low noise and high PSRR
applications.
The quiescent current is typically only 45µA with both LDO’s
enabled and active. Separate enable pins control each
individual LDO output. When both enable pins are low, the
device is in shutdown, typically drawing less than 0.1µA.
Several combinations of voltage outputs are standard.
Output voltage options for each LDO range from 1.5V to
3.3V. Other output voltage options are available on request.

Features
• Integrates two high performance LDOs
- VO1 - 150mA output
- VO2 - 300mA output
• Excellent transient response to large current steps
• Excellent load regulation:
1% voltage change across full range of load current
• High PSRR: 70dB @ 1kHz
• Wide input voltage capability: 2.3V to 6.5V
• Extremely low quiescent current: 45µA (both LDOs on)
• Low dropout voltage: typically 120mV @ 150mA
• Low output noise: typically 30µVRMS @ 100µA (1.5V)
• Stable with 1 to10µF ceramic capacitors
• Separate enable pins for each LDO
• POR output, with adjustable delay time indicates when the
VO2 output is good
• Soft-start to limit input current surge during enable
• Current limit and overheat protection
• ±1.8% accuracy over all operating conditions
• Tiny 10 Ld 3x3mm DFN package
• -40°C to +85°C operating temperature range
• Pin compatible with Micrel MIC2212
• Pb-free (RoHS compliant)

Applications
• PDAs, Cell Phones and Smart Phones
• Portable Instruments, MP3 Players
• Handheld Devices including Medical Handhelds




Similar Part No. - ISL9012IRCJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9012IRCJZ INTERSIL-ISL9012IRCJZ Datasheet
235Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
May 8, 2006
ISL9012IRCJZ INTERSIL-ISL9012IRCJZ Datasheet
233Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
logo
Renesas Technology Corp
ISL9012IRCJZ RENESAS-ISL9012IRCJZ Datasheet
595Kb / 12P
Dual LDO with Low Noise, Low IQ, and High PSRR
More results


Similar Description - ISL9012IRCJZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9011A INTERSIL-ISL9011A Datasheet
208Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
January 30, 2007
ISL9014 INTERSIL-ISL9014_06 Datasheet
220Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9012 INTERSIL-ISL9012 Datasheet
233Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014A INTERSIL-ISL9014A Datasheet
214Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
ISL9011AIRNNZ INTERSIL-ISL9011AIRNNZ Datasheet
320Kb / 12P
Dual LDO with Low Noise, Low IQ and High PSRR
September 1, 2015
ISL9014AIRNNZ INTERSIL-ISL9014AIRNNZ Datasheet
211Kb / 11P
Dual LDO with Low Noise, Low IQ, and High PSRR
March 11, 2008
logo
Renesas Technology Corp
ISL9011A RENESAS-ISL9011A Datasheet
584Kb / 12P
Dual LDO with Low Noise, Low IQ and High PSRR
ISL9012 RENESAS-ISL9012 Datasheet
595Kb / 12P
Dual LDO with Low Noise, Low IQ, and High PSRR
ISL9014 RENESAS-ISL9014 Datasheet
550Kb / 11P
Dual LDO with Low Noise, Low IQ and High PSRR
ISL9014A RENESAS-ISL9014A Datasheet
606Kb / 13P
Dual LDO with Low Noise, Low IQ, and High PSRR
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com