Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28107FBZ Datasheet (PDF) - Intersil Corporation

ISL28107FBZ Datasheet PDF - Intersil Corporation
Part # ISL28107FBZ
Download  ISL28107FBZ Download
File Size   1289.08 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Single, Dual and Quad Low Noise Operational Amplifiers

ISL28107FBZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ISL28107FBZ Datasheet PDF - Intersil Corporation

Part # ISL28107FBZ
Download  ISL28107FBZ Click to download

File Size   1289.08 Kbytes
Page   31 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description Precision Single, Dual and Quad Low Noise Operational Amplifiers

ISL28107FBZ Datasheet (HTML) - Intersil Corporation


ISL28107FBZ Product details

The ISL28107, ISL28207 and ISL28407 are single, dual and
quad amplifiers featuring low noise, low input bias current,
and low offset and temperature drift. This makes them the
ideal choice for applications requiring both high DC accuracy
and AC performance. The combination of precision, low noise,
and small footprint provides the user with outstanding value
and flexibility relative to similar competitive parts.
Applications for these amplifiers include precision active
filters, medical and analytical instrumentation, precision
power supply controls, and industrial controls.
The ISL28107 is available in 8 Ld SOIC, MSOP and TDFN
packages. The ISL28207 is available in 8 Ld SOIC, MSOP and
TDFN packages. The ISL28407 is available in a 14 Ld SOIC
package. All devices are offered in standard pin configurations
and operate over the extended temperature range of -40°C to
+125°C.

Features
• Low input offset . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75µV Max.
• Input bias current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15pA
• Superb temperature drift
- Voltage offset . . . . . . . . . . . . . . . . . . . . . . . 0.65µV/°C Max.
- Input current . . . . . . . . . . . . . . . . . . . . . . . . . .0.9pA/°C Max.
• Outstanding ESD performance
- Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5kV
- Machine Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500V
- Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . .1.5kV
• Very low voltage noise, 10Hz . . . . . . . . . . . . . . . . . . 14nV/Hz
• Low current consumption (per amp) . . . . . . . . . 0.29mA Max.
• Gain-bandwidth product . . . . . . . . . . . . . . . . . . . . . . . . . . 1MHz
• Wide supply range . . . . . . . . . . . . . . . . . . . . . . . . . .4.5V to 40V
• Operating temperature range. . . . . . . . . . . .-40°C to +125°C
• No phase reversal
• Pb-free (RoHS compliant)

Applications
• Precision instruments
• Medical instrumentation
• Spectral analysis equipment
• Active filter blocks
• Microphone pre-amplifier
• Thermocouples and RTD reference buffers
• Data acquisition
• Power supply control




Similar Part No. - ISL28107FBZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
957Kb / 12P
Precision Single and Dual Low Noise Operational Amplifiers
April 8, 2010
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 22P
Precision Single and Dual Low Noise Operational Amplifiers
November 16, 2009
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 9, 2010
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28107FBZ INTERSIL-ISL28107FBZ Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
October 21, 2011
More results


Similar Description - ISL28107FBZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
Intersil Corporation
ISL28107 INTERSIL-ISL28107 Datasheet
957Kb / 12P
Precision Single and Dual Low Noise Operational Amplifiers
April 8, 2010
ISL28127 INTERSIL-ISL28127 Datasheet
1Mb / 12P
Precision Single and Dual Low Noise Operational Amplifiers
May 29, 2009
ISL28107 INTERSIL-ISL28107_09 Datasheet
1Mb / 22P
Precision Single and Dual Low Noise Operational Amplifiers
November 16, 2009
ISL28107 INTERSIL-ISL28107_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28127 INTERSIL-ISL28127_10 Datasheet
1Mb / 23P
Precision Single and Dual Low Noise Operational Amplifiers
ISL28107_1009 INTERSIL-ISL28107_1009 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
September 9, 2010
ISL28107_1110 INTERSIL-ISL28107_1110 Datasheet
1Mb / 32P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
October 21, 2011
logo
Renesas Technology Corp
ISL28107 RENESAS-ISL28107 Datasheet
1Mb / 31P
Precision Single, Dual and Quad Low Noise Operational Amplifiers
ISL28127 RENESAS-ISL28127 Datasheet
2Mb / 33P
Precision Single and Dual Low Noise Operational Amplifiers
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com